Electronic Components Datasheet Search
  English  ▼

X  

SC9572 Datasheet (PDF) - Infinite Electronics International, Inc.

SC9572 Datasheet PDF - Infinite Electronics International, Inc.
Part # SC9572
Download  SC9572 Download
File Size   497.95 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description MMCX Jack PCB Connector Thru Hole Solder Attachment

SC9572 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC9572 Datasheet PDF - Infinite Electronics International, Inc.

Part # SC9572
Download  SC9572 Click to download

File Size   497.95 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description MMCX Jack PCB Connector Thru Hole Solder Attachment

SC9572 Datasheet (HTML) - Infinite Electronics International, Inc.


SC9572 Product details

Features
• Operating Frequency
• of 6 GHz Max.
• Excellent VSWR of 1.25:1
• Gold Plated Beryllium
• Copper Contact
• Contact plating according
• to MIL-G-45204
• Applications:
• General Purpose Test
• Space Saving for PCB
• Applications




Similar Part No. - SC9572

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SC957100 CELDUC-SC957100 Datasheet
96Kb / 2P
Power Solid State Relay
logo
Infinite Electronics In...
SC9574 FAIRVIEW-SC9574 Datasheet
498Kb / 3P
MMCX Jack PCB Connector Surface Mount Solder Attachment
REV 1.1A
More results


Similar Description - SC9572

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4904 PASTERNACK-PE4904 Datasheet
228Kb / 3P
MMCX Jack Connector Solder Attachment Thru Hole PCB, .100 inch x .031 inch Hole Spacing
PE4176 PASTERNACK-PE4176 Datasheet
816Kb / 2P
75 Ohm SMC Jack Connector Solder Attachment Thru Hole PCB
PE45147 PASTERNACK-PE45147 Datasheet
350Kb / 3P
SMC Jack Bulkhead Mount Connector Solder Attachment Thru Hole PCB
PE4555 PASTERNACK-PE4555_16 Datasheet
318Kb / 3P
MCX Jack Connector Solder Attachment Thru Hole PCB
PE4556 PASTERNACK-PE4556_17 Datasheet
362Kb / 4P
MCX Jack Right Angle Connector Solder Attachment Thru Hole PCB
PE4174 PASTERNACK-PE4174_16 Datasheet
345Kb / 3P
SMB Jack Connector Solder Attachment Thru Hole PCB
PE4175 PASTERNACK-PE4175_16 Datasheet
347Kb / 3P
SMC Jack Connector Solder Attachment Thru Hole PCB
PE4177 PASTERNACK-PE4177_16 Datasheet
347Kb / 3P
SMB Jack Right Angle Connector Solder Attachment Thru Hole PCB
PE4178 PASTERNACK-PE4178_16 Datasheet
353Kb / 4P
SMC Jack Right Angle Connector Solder Attachment Thru Hole PCB
PE45337 PASTERNACK-PE45337 Datasheet
363Kb / 3P
BMA Jack Slide-On Connector Solder Attachment Thru Hole PCB
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com