Electronic Components Datasheet Search
  English  ▼

X  

UPC822 Datasheet (PDF) - Renesas Technology Corp

UPC822 Datasheet PDF - Renesas Technology Corp
Part # UPC822
Download  UPC822 Download
File Size   439.36 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description J-FET Input Low Noise Dual Operational Amplifier

UPC822 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC822 Datasheet PDF - Renesas Technology Corp

Part # UPC822
Download  UPC822 Click to download

File Size   439.36 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description J-FET Input Low Noise Dual Operational Amplifier

UPC822 Datasheet (HTML) - Renesas Technology Corp


UPC822 Product details

• Input Offset Voltage ±2 mV (TYP.)
• Input Bias Current 30 pA (TYP.)
• Slew Rate 13 V/μs (TYP.)
• Unity Gain Frequency 3 MHz (TYP.)
• Input Equivalent Noise Voltage Density 17 nV/Hz (TYP.) (f = 1 kHz)
• Built-In Phase Compensation Circuit
• Built-In Output Short Circuit Protection
• Standard Dual op-amp terminal connection (pin compatible)




Similar Part No. - UPC822

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC8220T5A RENESAS-UPC8220T5A Datasheet
261Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2004
UPC8220T5A-E1 RENESAS-UPC8220T5A-E1 Datasheet
261Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2004
UPC8220T5A-E1-A RENESAS-UPC8220T5A-E1-A Datasheet
261Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2004
UPC8226TK RENESAS-UPC8226TK Datasheet
269Kb / 14P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2005
UPC8226TK-E2 RENESAS-UPC8226TK-E2 Datasheet
269Kb / 14P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2005
More results


Similar Description - UPC822

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5238AL MITSUBISHI-M5238AL Datasheet
144Kb / 4P
DUAL LOW-NOISE J-FET INPUT OPERATIONAL AMPLIFIERS
logo
NEC
UPC4071 NEC-UPC4071 Datasheet
278Kb / 10P
LOW NOISE J-FET INPUT OPERATIONAL AMPLIFIER????
UPC4072 NEC-UPC4072 Datasheet
309Kb / 10P
LOW NOISE J-FET INPUT DUAL OPERATIONAL AMPLIFIER??????
UPC4074 NEC-UPC4074 Datasheet
277Kb / 10P
LOW NOISE J-FET INPUT QUAD OPERATIONAL AMPLIFIER??????
logo
Unisonic Technologies
TL072 UTC-TL072 Datasheet
270Kb / 11P
LOW NOISE DUAL J-FET OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
PC4074 RENESAS-PC4074_15 Datasheet
249Kb / 11P
J-FET INPUT LOW-NOISE QUAD OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
TL072 UTC-TL072_15 Datasheet
154Kb / 9P
LOW NOISE DUAL J-FET OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
UPC824 RENESAS-UPC824 Datasheet
638Kb / 8P
Low Noise J-FET Input Quad Operational Amplifier
2019.11.12
UPC834 RENESAS-UPC834 Datasheet
504Kb / 8P
Low Noise J-FET Input Quad Operational Amplifier
2019.11.12
UPC4072MF-DAA RENESAS-UPC4072MF-DAA Datasheet
292Kb / 9P
J-FET Input Low-Noise Dual Operational amplifier
Jul 25, 2012
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com