Electronic Components Datasheet Search
  English  ▼

X  

ILL70CBAWN Datasheet (PDF) - Optronics International

ILL70CBAWN Datasheet PDF - Optronics International
Part # ILL70CBAWN
Download  ILL70CBAWN Download
File Size   175.81 Kbytes
Page   2 Pages
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International
Description Opti-Brite LED Awning Lights for Surface Mount

ILL70CBAWN Datasheet (PDF)

Go To PDF Page Download Datasheet
ILL70CBAWN Datasheet PDF - Optronics International

Part # ILL70CBAWN
Download  ILL70CBAWN Click to download

File Size   175.81 Kbytes
Page   2 Pages
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International
Description Opti-Brite LED Awning Lights for Surface Mount

ILL70CBAWN Datasheet (HTML) - Optronics International


ILL70CBAWN Product details

ILL70 – Raw lumen output: 189 lm, Effective lumen output: 171 lm
ILL71 – Raw lumen output: 360 lm, Effective lumen output: 252 lm
Color temperature 6000K neutral white (except amber model)
Low profile awning mount lights with wedge base that directs light at a 45-degree angle
Hard wired (black=power, white=ground)
Select from 11-inch and 18-inch models
Sealed, waterproof
CSA certified for interior use
Available in bulk, polypack and retail packaging
Lifetime LED Warranty




Similar Part No. - ILL70CBAWN

ManufacturerPart #DatasheetDescription
logo
Optronics International
ILL71C1BAWN OPTRONICS-ILL71C1BAWN Datasheet
139Kb / 3P
Miscellaneous Trim Rings and Bezels
ILL77CB1B OPTRONICS-ILL77CB1B Datasheet
143Kb / 1P
Opti-Brite LED Strip Light for Surface Mount
ILL77CBB OPTRONICS-ILL77CBB Datasheet
143Kb / 1P
Opti-Brite LED Strip Light for Surface Mount
ILL78CBB OPTRONICS-ILL78CBB Datasheet
143Kb / 1P
Opti-Brite LED Strip Light for Surface Mount
More results


Similar Description - ILL70CBAWN

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
5325F CML-5325F Datasheet
78Kb / 1P
Super Brite T-1 LED Assembly
logo
Micropac Industries
62069 MICROPAC-62069 Datasheet
81Kb / 2P
HI BRITE HERMETIC LED INDICATORS, PANEL MOUNT
logo
Dielectric Laboratories...
P21BN300MA3976 DILABS-P21BN300MA3976 Datasheet
425Kb / 4P
Opti - Cap
P21BN300MA4282 DILABS-P21BN300MA4282 Datasheet
389Kb / 4P
Opti - Cap
logo
Visual Communications C...
5325F VCC-5325F Datasheet
107Kb / 1P
Super Brite T-1 LED Assembly
logo
Micropac Industries
62100 MICROPAC-62100 Datasheet
124Kb / 2P
ULTRA-BRITE HERMETIC LED INDICATORS
logo
OSRAM GmbH
ONYXL-7 OSRAM-ONYXL-7 Datasheet
111Kb / 3P
LED reading lights
logo
WORLDSEMI CO., LIMITED
WS2835-3535 WORLDSEMI-WS2835-3535 Datasheet
579Kb / 8P
SPECIFICATIONS FOR SURFACE MOUNT LED
logo
Shanghai Cyanlite Techn...
SM25W045 CYANLITE-SM25W045 Datasheet
1Mb / 8P
LED Panel Lights LIBRA for Surface Mounted Installation
PF30W312F CYANLITE-PF30W312F Datasheet
1Mb / 7P
LED Frame Lights for Lay-On Ceilings
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com