Electronic Components Datasheet Search
  English  ▼

X  

GAUGEKIT Datasheet (PDF) - Permco, Inc.

GAUGEKIT Datasheet PDF - Permco, Inc.
Part # GAUGEKIT
Download  GAUGEKIT Download
File Size   2004.84 Kbytes
Page   1 Pages
Manufacturer  PERMCO [Permco, Inc.]
Direct Link  https://www.permco.com/
Logo PERMCO - Permco, Inc.
Description Gauge Kit

GAUGEKIT Datasheet (PDF)

Go To PDF Page Download Datasheet
GAUGEKIT Datasheet PDF - Permco, Inc.

Part # GAUGEKIT
Download  GAUGEKIT Click to download

File Size   2004.84 Kbytes
Page   1 Pages
Manufacturer  PERMCO [Permco, Inc.]
Direct Link  https://www.permco.com/
Logo PERMCO - Permco, Inc.
Description Gauge Kit

GAUGEKIT Datasheet (HTML) - Permco, Inc.


GAUGEKIT Product details

Features
• Glycerin filled gauges
• 6 different process
connection test
points
• 2 durable test hoses,
1 meter in length
• Working pressure:
630bar/9000psi
• Large clear easy to
read dials
• Robust and precise
pressure gauges in
3 ranges:
-30inHg - 30psi,
0-3500psi,
0-6000psi
Accuracy: +/- 1.6%
• Durable poly padded
suitcase, portable,
reliable




Similar Part No. - GAUGEKIT

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
GAUG-0015 RALSTON-GAUG-0015 Datasheet
336Kb / 1P
0-15 psig Analog Test Gauge
GAUG-0030 RALSTON-GAUG-0030 Datasheet
336Kb / 1P
0-30 psig Analog Test Gauge
GAUG-0060 RALSTON-GAUG-0060 Datasheet
336Kb / 1P
0-60 psig Analog Test Gauge
GAUG-0100 RALSTON-GAUG-0100 Datasheet
336Kb / 1P
0-100 psig Analog Test Gauge
GAUG-0100I RALSTON-GAUG-0100I Datasheet
346Kb / 1P
0-100 Inch H20 Analog Pressure Gauge
More results


Similar Description - GAUGEKIT

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
60GK0KS-010 ROSENBERGER-60GK0KS-010 Datasheet
688Kb / 2P
7/16 GAUGE KIT
01GK0KS-010 ROSENBERGER-01GK0KS-010 Datasheet
522Kb / 2P
GAUGE KIT
08GK0KS-010 ROSENBERGER-08GK0KS-010 Datasheet
67Kb / 2P
GAUGE KIT
03GK0KS-010 ROSENBERGER-03GK0KS-010 Datasheet
67Kb / 2P
GAUGE KIT
07GK001-010 ROSENBERGER-07GK001-010 Datasheet
524Kb / 2P
RPC-7 GAUGE KIT
05GK0KS-010 ROSENBERGER-05GK0KS-010 Datasheet
68Kb / 2P
GAUGE KIT
06GK0KS-010 ROSENBERGER-06GK0KS-010 Datasheet
523Kb / 2P
GAUGE KIT
logo
Dallas Semiconductor
DS2751K DALLAS-DS2751K Datasheet
258Kb / 11P
Battery Fuel Gauge Evaluation Kit
logo
Greystone Energy System...
PS-GADP GREYSTONE-PS-GADP Datasheet
307Kb / 1P
LIQUID PRESSURE GAUGE KIT
GADP100 GREYSTONE-GADP100 Datasheet
307Kb / 1P
LIQUID PRESSURE GAUGE KIT
10/19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com