Electronic Components Datasheet Search
  English  ▼

X  

XREG/210B-CUST Datasheet (PDF) - Time Electronics Ltd.

XREG/210B-CUST Datasheet PDF - Time Electronics Ltd.
Part # XREG/210B-CUST
Download  XREG/210B-CUST Download
File Size   776.07 Kbytes
Page   1 Pages
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.
Description XREG Pressure Regulator Kit

XREG/210B-CUST Datasheet (PDF)

Go To PDF Page Download Datasheet
XREG/210B-CUST Datasheet PDF - Time Electronics Ltd.

Part # XREG/210B-CUST
Download  XREG/210B-CUST Click to download

File Size   776.07 Kbytes
Page   1 Pages
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.
Description XREG Pressure Regulator Kit

XREG/210B-CUST Datasheet (HTML) - Time Electronics Ltd.


XREG/210B-CUST Product details

Features / Specifications
• Suitable for user with gas or nitrogen cylinders providing line pressure to calibration benches or test systems
• Used for regulation up to 210 bar (3045 psi)
• Smooth pressure adjustment with bronze bearing
• Inlet and outlet gauges supplied, 250 bar (3500 psi)
• Pressure media: Pneumatic only, air or inert gas
• Materials: Anodized Aluminum, Stainless Steel
• Seal Materials: Buna-N, Delrin, Teflon
• Operating Temp: Min: 60 °C / 140 °F. Max: -18 °C / 0 °F
• W 140 x H 150 x D 150 mm (including gauges & fitting)
• Weight: 1.1 kg




Similar Part No. - XREG/210B-CUST

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
XREG-3KPSIG RALSTON-XREG-3KPSIG Datasheet
540Kb / 1P
Pneumatic Pressure Regulator (3000 psi / 210 bar) output
XREG-3KPSIG RALSTON-XREG-3KPSIG_16 Datasheet
540Kb / 1P
Outlet pressures up to 3000 psi (210 bar)
XREG-KIT0 RALSTON-XREG-KIT0 Datasheet
658Kb / 1P
3000 PSI Regulator, 2 pressure gauges, CGA 580 inlet connection, Male Quick-test outlet conn. kit
XREG-KIT0 RALSTON-XREG-KIT0_16 Datasheet
658Kb / 1P
3000 PSI Regulator, 2 pressure gauges, CGA 580 inlet connection, Male Quick-test outlet conn. kit
logo
Cree, Inc
XREGRN-L1-0000-00P01 CREE-XREGRN-L1-0000-00P01 Datasheet
1Mb / 14P
XLamp XR-E LED
Rev 15E
More results


Similar Description - XREG/210B-CUST

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
529424 FESTO-529424 Datasheet
85Kb / 2P
Pressure regulator
3/16/22
531422 FESTO-531422 Datasheet
85Kb / 2P
Pressure regulator
3/16/22
531450 FESTO-531450 Datasheet
84Kb / 2P
Pressure regulator
3/16/22
529481 FESTO-529481 Datasheet
89Kb / 2P
Pressure regulator
3/17/22
530320 FESTO-530320 Datasheet
93Kb / 1P
Pressure regulator
3/17/22
531793 FESTO-531793 Datasheet
92Kb / 2P
Pressure regulator
3/17/22
531828 FESTO-531828 Datasheet
92Kb / 1P
Pressure regulator
3/17/22
531830 FESTO-531830 Datasheet
94Kb / 1P
Pressure regulator
3/17/22
564142 FESTO-564142 Datasheet
81Kb / 1P
Pressure regulator
3/16/22
8086002 FESTO-8086002 Datasheet
82Kb / 1P
Pressure regulator
4/15/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com