Electronic Components Datasheet Search
  English  ▼

X  

READ4606G Datasheet (PDF) - Renesas Technology Corp

READ4606G Datasheet PDF - Renesas Technology Corp
Part # READ4606G
Download  READ4606G Download
File Size   358.41 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Drivability & High Slew Rate, Output Full Range High Voltage, Low Power Consumption CMOS Quad Operational Amplifier

READ4606G Datasheet (PDF)

Go To PDF Page Download Datasheet
READ4606G Datasheet PDF - Renesas Technology Corp

Part # READ4606G
Download  READ4606G Click to download

File Size   358.41 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Drivability & High Slew Rate, Output Full Range High Voltage, Low Power Consumption CMOS Quad Operational Amplifier

READ4606G Datasheet (HTML) - Renesas Technology Corp


READ4606G Product details

 Output full range (Rail-to-Rail output)
 Absolute Maximum Ratings
 Power Supply Voltage VDD = -0.3 to +36V
 Operating Ambient Temperature Range TA= -40 to +125 °C
 Electrical Characteristics
 Power Supply Voltage VDD = +4.5V to +32V
 Input Offset Voltage VIO ≤ ±9mV
 Input Bias Current IB ≤ (1pA)
 Supply current (per channel) IDD = 0.7 mA Typ., 1.0 mA Max. (@VDD=5.0V)
 Slew Rate SR = 8 V/μs Typ.
( ) reference value of design




Similar Part No. - READ4606G

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
READ4656J RENESAS-READ4656J Datasheet
369Kb / 13P
High Drivability & High Slew Rate, Output Full Range High Voltage, Low Power Consumption CMOS Quad Operational Amplifier
Rev.1.00 Dec.09.24
READ4656JSP#GC1 RENESAS-READ4656JSP#GC1 Datasheet
369Kb / 13P
High Drivability & High Slew Rate, Output Full Range High Voltage, Low Power Consumption CMOS Quad Operational Amplifier
Rev.1.00 Dec.09.24
READ4656JSP#HC1 RENESAS-READ4656JSP#HC1 Datasheet
369Kb / 13P
High Drivability & High Slew Rate, Output Full Range High Voltage, Low Power Consumption CMOS Quad Operational Amplifier
Rev.1.00 Dec.09.24
More results


Similar Description - READ4606G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE531 PHILIPS-NE531 Datasheet
159Kb / 8P
High slew rate operational amplifier
August 31, 1994
logo
Intersil Corporation
HA-2510883 INTERSIL-HA-2510883 Datasheet
141Kb / 7P
High Slew Rate Operational Amplifier
October 26, 2004
logo
National Semiconductor ...
LH4124C NSC-LH4124C Datasheet
117Kb / 4P
HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Zarlink Semiconductor I...
SL541 ZARLINK-SL541 Datasheet
525Kb / 13P
HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2510 INTERSIL-HA-2510_06 Datasheet
209Kb / 7P
High Slew Rate Operational Amplifier
January 3, 2006
logo
Rohm
BU7294F ROHM-BU7294F Datasheet
765Kb / 30P
Input/Output Full Swing High Slew Rate Low Voltage CMOS Operational Amplifiers
logo
Renesas Technology Corp
READ2304G RENESAS-READ2304G Datasheet
1Mb / 10P
High Drivability & High Slew Rate, Input Output Full Range,
2020.08.20
READ2354J RENESAS-READ2354J Datasheet
923Kb / 9P
High Drivability & High Slew Rate, Input Output Full Range,
2022.5.12
READ4304G RENESAS-READ4304G Datasheet
1Mb / 9P
High Drivability & High Slew Rate, Input Output Full Range
Sep.21.22
READ4354J RENESAS-READ4354J Datasheet
1Mb / 9P
High Drivability & High Slew Rate, Input Output Full Range
Sep.21.22
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com