Electronic Components Datasheet Search
  English  ▼

X  

READ2606G Datasheet (PDF) - Renesas Technology Corp

READ2606G Datasheet PDF - Renesas Technology Corp
Part # READ2606G
Download  READ2606G Download
File Size   348.79 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Drivability & High Slew Rate, Output Full Range High Voltage, Low Power Consumption CMOS Dual Operational Amplifier

READ2606G Datasheet (PDF)

Go To PDF Page Download Datasheet
READ2606G Datasheet PDF - Renesas Technology Corp

Part # READ2606G
Download  READ2606G Click to download

File Size   348.79 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Drivability & High Slew Rate, Output Full Range High Voltage, Low Power Consumption CMOS Dual Operational Amplifier

READ2606G Datasheet (HTML) - Renesas Technology Corp


READ2606G Product details

⎯ Output full range (Rail-to-Rail output)
⎯ Absolute Maximum Ratings
• Power Supply Voltage VDD = -0.3 to +36V
• Operating Ambient Temperature Range TA= -40 to +125 ˚C
⎯ Electrical Characteristics
• Power Supply Voltage VDD = +4.5V to +32V
• Input Offset Voltage VIO ≤ ±9mV
• Input Bias Current IB ≤ (1pA)
• Supply current (per channel) IDD = 0.7 mA Typ., 1.0 mA Max. (@VDD=5.0V)
• Slew Rate SR = 8 V/μs Typ.
( ) reference value of design




Similar Part No. - READ2606G

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
READ2656J RENESAS-READ2656J Datasheet
363Kb / 13P
High Drivability & High Slew Rate, Output Full Range High Voltage, Low Power Consumption CMOS Dual Operational Amplifier
Rev.1.00 Jul.08.24
READ2656JSP#GC1 RENESAS-READ2656JSP#GC1 Datasheet
363Kb / 13P
High Drivability & High Slew Rate, Output Full Range High Voltage, Low Power Consumption CMOS Dual Operational Amplifier
Rev.1.00 Jul.08.24
READ2656JSP#HC1 RENESAS-READ2656JSP#HC1 Datasheet
363Kb / 13P
High Drivability & High Slew Rate, Output Full Range High Voltage, Low Power Consumption CMOS Dual Operational Amplifier
Rev.1.00 Jul.08.24
More results


Similar Description - READ2606G

ManufacturerPart #DatasheetDescription
logo
Rohm
BA15218 ROHM-BA15218 Datasheet
60Kb / 5P
Dual high slew rate, low noise operational amplifier
BA15532 ROHM-BA15532 Datasheet
56Kb / 4P
Dual high slew rate, low noise operational amplifier
BA4510F ROHM-BA4510F Datasheet
43Kb / 4P
Dual high slew rate operational amplifier
BA4560 ROHM-BA4560 Datasheet
53Kb / 4P
Dual high slew rate operational amplifier
logo
Advanced Linear Devices
ALD2724E ALD-ALD2724E Datasheet
58Kb / 10P
DUAL EPAD PRECISION HIGH SLEW RATE CMOS OPERATIONAL AMPLIFIER
logo
Rohm
BU7294F ROHM-BU7294F Datasheet
765Kb / 30P
Input/Output Full Swing High Slew Rate Low Voltage CMOS Operational Amplifiers
logo
Renesas Technology Corp
READ2304G RENESAS-READ2304G Datasheet
1Mb / 10P
High Drivability & High Slew Rate, Input Output Full Range,
2020.08.20
READ2354J RENESAS-READ2354J Datasheet
923Kb / 9P
High Drivability & High Slew Rate, Input Output Full Range,
2022.5.12
READ4304G RENESAS-READ4304G Datasheet
1Mb / 9P
High Drivability & High Slew Rate, Input Output Full Range
Sep.21.22
READ4354J RENESAS-READ4354J Datasheet
1Mb / 9P
High Drivability & High Slew Rate, Input Output Full Range
Sep.21.22
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com