Electronic Components Datasheet Search
  English  ▼

X  

S204M-B40 Datasheet (PDF) - ABB

S204M-B40 Datasheet PDF - ABB
Part # S204M-B40
Download  S204M-B40 Download
File Size   70.69 Kbytes
Page   3 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description Miniature Circuit Breaker - S200M - 4P - B - 40 A

S204M-B40 Datasheet (PDF)

Go To PDF Page Download Datasheet
S204M-B40 Datasheet PDF - ABB

Part # S204M-B40
Download  S204M-B40 Click to download

File Size   70.69 Kbytes
Page   3 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description Miniature Circuit Breaker - S200M - 4P - B - 40 A

S204M-B40 Datasheet (HTML) - ABB


S204M-B40 Product details

Extended Product Type:
Product ID:
EAN:
Catalog Description:
Long Description:
General Information
S204M-B40
2CDS274001R0405
4016779549899
Miniature Circuit Breaker - S200M - 4P - B - 40 A
System pro M compact S200M miniature circuit breakers are current limiting. They have two
different tripping mechanisms, the delayed thermal tripping mechanism for overload
protection and the electromechanic tripping mechanism for short circuit protection. They are
available in different characteristics (B,C,D,K,Z), configurations (1P,1P+N,2P,3P,3P+N,4P),
breaking capacities (up to 10 kA at 230/400 V AC) and rated currents (up to 63A). All MCBs
of the product range S200M comply with IEC/EN 60898-1 and IEC/EN 609 47-2, allowing the
use for residential, commercial and industrial applications. Bottom-fitting auxiliary contact
can be mounted on S200M to save 50% space.




Similar Part No. - S204M-B40

ManufacturerPart #DatasheetDescription
logo
ABB
S204M-B10 ABB-S204M-B10 Datasheet
70Kb / 3P
Miniature Circuit Breaker - S200M - 4P - B - 10 A
S204M-B16 ABB-S204M-B16 Datasheet
70Kb / 3P
Miniature Circuit Breaker - S200M - 4P - B - 16 A
S204M-B20 ABB-S204M-B20 Datasheet
70Kb / 3P
Miniature Circuit Breaker - S200M - 4P - B - 20 A
S204M-B25 ABB-S204M-B25 Datasheet
70Kb / 3P
Miniature Circuit Breaker - S200M - 4P - B - 25 A
S204M-B32 ABB-S204M-B32 Datasheet
70Kb / 3P
Miniature Circuit Breaker - S200M - 4P - B - 32 A
More results


Similar Description - S204M-B40

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
3021001-03 QUALTEK-3021001-03 Datasheet
422Kb / 1P
USB 4P(A)/M - USB 4P(B)/M
3021007-06 QUALTEK-3021007-06 Datasheet
418Kb / 1P
USB 4P(A)/M - USB 4P(B)/M
3021013-10 QUALTEK-3021013-10 Datasheet
419Kb / 1P
USB 4P(A)/M - USB 4P(B)/M
3021019-16 QUALTEK-3021019-16 Datasheet
424Kb / 1P
USB 4P(A)/M - USB 4P(B)/M
3021025-16 QUALTEK-3021025-16 Datasheet
420Kb / 1P
USB 4P(A)/M - USB 4P(B)/M
logo
Schneider Electric
HOM115C SCHNEIDER-HOM115C Datasheet
112Kb / 2P
MINIATURE CIRCUIT BREAKER 120V 15A
A9K24340 SCHNEIDER-A9K24340 Datasheet
79Kb / 2P
miniature circuit breaker - iK60N - 3P - 40 A - C curve
23-Feb-2021
logo
PHOENIX CONTACT
103906 PHOENIX-103906 Datasheet
625Kb / 12P
Electronic miniature circuit-breaker
09/2009
logo
Eaton All Rights Reserv...
FAZ-C61 EATON-FAZ-C61 Datasheet
121Kb / 3P
Miniature circuit breaker (MCB), 6 A, 1p, characteristic: C
04/06/2023
logo
Schneider Electric
NS80H SCHNEIDER-NS80H Datasheet
177Kb / 3P
MINIATURE CIRCUIT BREAKER 50A
17 October 2021
More results




About ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com