Electronic Components Datasheet Search
  English  ▼

X  

ISL28134 Datasheet (PDF) - Renesas Technology Corp

ISL28134 Datasheet PDF - Renesas Technology Corp
Part # ISL28134
Download  ISL28134 Download
File Size   2756.57 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 5V Ultra Low Noise, Auto-Zero Rail-to-Rail Precision Op Amp

ISL28134 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL28134 Datasheet PDF - Renesas Technology Corp

Part # ISL28134
Download  ISL28134 Click to download

File Size   2756.57 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 5V Ultra Low Noise, Auto-Zero Rail-to-Rail Precision Op Amp

ISL28134 Datasheet (HTML) - Renesas Technology Corp


ISL28134 Product details

• Rail-to-rail inputs and outputs
- CMRR at VCM = 0.1V beyond VS . . . . . . . . . . . . 135dB, typ
- VOH and VOL . . . . . . . . . . . . . . . . . . . . . . .10mV from VS, typ
• No 1/f noise corner down to 0.1Hz
- Input noise voltage . . . . . . . . . . . . . . . . .10nV/Hz at 1kHz
- 0.1Hz to 10Hz noise voltage. . . . . . . . . . . . . . . . . 250nVP-P
• Low offset voltage . . . . . . . . . . . . . . . . . . . . . . . . . . 2.5μV, Max
• Superb offset drift . . . . . . . . . . . . . . . . . . . . . . . 15nV/°C, Max
• Single supply . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.25V to 6.0V
• Dual supply . . . . . . . . . . . . . . . . . . . . . . . . . ±1.125V to ±3.0V
• Low ICC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 675μA, typ
• Wide bandwidth . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.5MHz
• Operating temperature range
- Industrial . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
- Full industrial . . . . . . . . . . . . . . . . . . . . . . .-40°C to +125°C
• Packaging
- Single: SOIC, SOT-23




Similar Part No. - ISL28134

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28134 INTERSIL-ISL28134 Datasheet
1Mb / 24P
5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
July 25, 2011
ISL28134 INTERSIL-ISL28134 Datasheet
1Mb / 20P
5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
June 8, 2011
ISL28134 INTERSIL-ISL28134 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
ISL28134 INTERSIL-ISL28134 Datasheet
4Mb / 20P
Intersil?셲 Solutions for Industrial Process Control
ISL28134 INTERSIL-ISL28134 Datasheet
1Mb / 25P
5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
December 22, 2011
More results


Similar Description - ISL28134

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1677 LINER-LT1677 Datasheet
239Kb / 16P
Low Noise, Rail-to-Rail Precision Op Amp
logo
Intersil Corporation
ISL28191 INTERSIL-ISL28191 Datasheet
1Mb / 14P
Single and Dual Ultra-Low Noise, Rail-to-Rail, Op Amp
April 13, 2007
logo
Linear Technology
LT1677 LINER-LT1677_1 Datasheet
548Kb / 20P
Low Noise, Rail-to-Rail Precision Op Amp
logo
Intersil Corporation
ISL28134 INTERSIL-ISL28134 Datasheet
1Mb / 20P
5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
June 8, 2011
ISL28134_1107 INTERSIL-ISL28134_1107 Datasheet
1Mb / 24P
5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
July 25, 2011
ISL28134IBZ INTERSIL-ISL28134IBZ Datasheet
1Mb / 25P
5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
December 22, 2011
logo
Linear Technology
LT1677 LINER-LT1677_15 Datasheet
553Kb / 20P
Low Noise, Rail-to-Rail Precision Op Amp
LT6011 LINER-LT6011_15 Datasheet
380Kb / 20P
Rail-to-Rail Output Precision Op Amp
logo
Intersil Corporation
ISL28134IBZ INTERSIL-ISL28134IBZ Datasheet
1Mb / 25P
5V Ultra Low Noise, Zero Drift Rail-to-Rail Precis Op Amp
October 14, 2014
logo
Renesas Technology Corp
ISL28134 RENESAS-ISL28134 Datasheet
1Mb / 25P
5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com