Electronic Components Datasheet Search
  English  ▼

X  

ISL28118FBZ Datasheet (PDF) - Renesas Technology Corp

ISL28118FBZ Datasheet PDF - Renesas Technology Corp
Part # ISL28118FBZ
Download  ISL28118FBZ Download
File Size   1727.29 Kbytes
Page   30 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers

ISL28118FBZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL28118FBZ Datasheet PDF - Renesas Technology Corp

Part # ISL28118FBZ
Download  ISL28118FBZ Click to download

File Size   1727.29 Kbytes
Page   30 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers

ISL28118FBZ Datasheet (HTML) - Renesas Technology Corp


ISL28118FBZ Product details

• Rail-to-rail output . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <10mV
• Below-ground (V-) input capability to -0.5V, ground sensing
• Single-supply range . . . . . . . . . . . . . . . . . . . . . . . . . . 3V to 40V
• Low current consumption . . . . . . . . . . . . . . . . . . . . . . . 850μA
• Low noise voltage . . . . . . . . . . . . . . . . . . . . . . . . . . 5.6nV/Hz
• Low noise current. . . . . . . . . . . . . . . . . . . . . . . . . . . 355fA/Hz
• Low input offset voltage
- ISL28118 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150μV (max)
- ISL28218 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 230μV (max)
• Superb offset voltage temperature drift
- ISL28118 . . . . . . . . . . . . . . . . . . . . . . . . . . 1.2μV/°C (max)
- ISL28218 . . . . . . . . . . . . . . . . . . . . . . . . . . 1.4μV/°C (max)
• Operating temperature range. . . . . . . . . . . -40°C to +125°C
• No phase reversal




Similar Part No. - ISL28118FBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28118FBZ INTERSIL-ISL28118FBZ Datasheet
1Mb / 23P
40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
November 22, 2010
logo
Renesas Technology Corp
ISL28118FBZ RENESAS-ISL28118FBZ Datasheet
1Mb / 29P
40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
logo
Intersil Corporation
ISL28118FBZ INTERSIL-ISL28118FBZ Datasheet
1Mb / 29P
40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
July 27, 2015
More results


Similar Description - ISL28118FBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28118 INTERSIL-ISL28118 Datasheet
1Mb / 23P
40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
November 22, 2010
ISL28108 INTERSIL-ISL28108 Datasheet
1Mb / 25P
40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
March 17, 2011
ISL28118 INTERSIL-ISL28118_11 Datasheet
1Mb / 28P
40V Precision Single-Supply, Rail-to-Rail Output, Low-Power
May 16, 2011
ISL28108_1107 INTERSIL-ISL28108_1107 Datasheet
1Mb / 26P
40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
July 1, 2011
ISL28118_1109 INTERSIL-ISL28118_1109 Datasheet
1Mb / 28P
40V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
September 21, 2011
ISL28108_1111 INTERSIL-ISL28108_1111 Datasheet
1Mb / 32P
40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
November 1, 2011
ISL28118 INTERSIL-ISL28118_15 Datasheet
1Mb / 29P
40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
July 27, 2015
ISL28108FBZ INTERSIL-ISL28108FBZ Datasheet
1Mb / 34P
40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
March 4, 2014
logo
Renesas Technology Corp
ISL28108 RENESAS-ISL28108 Datasheet
1Mb / 34P
40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
ISL28118 RENESAS-ISL28118 Datasheet
1Mb / 29P
40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com