Electronic Components Datasheet Search
  English  ▼

X  

CA3140A Datasheet (PDF) - Renesas Technology Corp

CA3140A Datasheet PDF - Renesas Technology Corp
Part # CA3140A
Download  CA3140A Download
File Size   2084.64 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output

CA3140A Datasheet (PDF)

Go To PDF Page Download Datasheet
CA3140A Datasheet PDF - Renesas Technology Corp

Part # CA3140A
Download  CA3140A Click to download

File Size   2084.64 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output

CA3140A Datasheet (HTML) - Renesas Technology Corp


CA3140A Product details

• MOSFET Input Stage
- Very High Input Impedance (ZIN) -1.5T (Typ)
- Very Low Input Current (Il) -10pA (Typ) at 15V
- Wide Common Mode Input Voltage Range (VlCR) - Can be
Swung 0.5V Below Negative Supply Voltage Rail
- Output Swing Complements Input Common Mode Range
• Directly Replaces Industry Type 741 in Most Applications
• Pb-Free Plus Anneal Available (RoHS Compliant)




Similar Part No. - CA3140A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3140A INTERSIL-CA3140A Datasheet
1Mb / 19P
4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
September 1998
CA3140A INTERSIL-CA3140A Datasheet
1Mb / 23P
4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
July 11, 2005
logo
Renesas Technology Corp
CA3140A RENESAS-CA3140A Datasheet
1Mb / 24P
4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3140AE INTERSIL-CA3140AE Datasheet
1Mb / 19P
4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
September 1998
CA3140AE INTERSIL-CA3140AE Datasheet
1Mb / 23P
4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
July 11, 2005
More results


Similar Description - CA3140A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7144 NTE-NTE7144 Datasheet
31Kb / 4P
Integrated Circuit BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
logo
Intersil Corporation
CA3140 INTERSIL-CA3140 Datasheet
1Mb / 19P
4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
September 1998
CA3240 INTERSIL-CA3240 Datasheet
609Kb / 15P
Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
August 2001
CA5470 INTERSIL-CA5470 Datasheet
57Kb / 5P
Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
November 1996
logo
Harris Corporation
CA3410 HARRIS-CA3410 Datasheet
337Kb / 10P
Quad BiMOS Operational Amplifiers With MOSFET Input, Bipolar Output
logo
Intersil Corporation
CA3140 INTERSIL-CA3140_05 Datasheet
1Mb / 23P
4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
July 11, 2005
CA5470 INTERSIL-CA5470_01 Datasheet
133Kb / 5P
Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
May 2001
CA3240 INTERSIL-CA3240_05 Datasheet
669Kb / 15P
Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
March 4, 2005
logo
Renesas Technology Corp
CA3140 RENESAS-CA3140 Datasheet
1Mb / 24P
4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
CA3240 RENESAS-CA3240 Datasheet
868Kb / 15P
Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com