Electronic Components Datasheet Search
  English  ▼

X  

SC4254 Datasheet (PDF) - Infinite Electronics International, Inc.

SC4254 Datasheet PDF - Infinite Electronics International, Inc.
Part # SC4254
Download  SC4254 Download
File Size   340.07 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description TNC Female (Jack) Bulkhead Connector For RG316, RG174, RG188 Cable IP67 Rated, Crimp/Solder

SC4254 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC4254 Datasheet PDF - Infinite Electronics International, Inc.

Part # SC4254
Download  SC4254 Click to download

File Size   340.07 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description TNC Female (Jack) Bulkhead Connector For RG316, RG174, RG188 Cable IP67 Rated, Crimp/Solder

SC4254 Datasheet (HTML) - Infinite Electronics International, Inc.


SC4254 Product details

Features
• Operating Frequency of 3 GHz Max.
• Excellent VSWR of 1.25:1
• Gold Plated Phosphor Bronze Contact
• Applications
• General Purpose Test
• Rack and Panel Mount Applications
• Custom Cable Assemblies
• Description
• TNC Female Bulkhead Standard Bulkhead Connector Crimp/Solder Attachment for RG316, RG174 and RG188 Cable, part number SC4254,
• from Fairview Microwave is in-stock and ships same day. This TNC female connector operates up to a maximum frequency of 3 GHz and
• offers excellent VSWR of 1.25:1. Fairview's SC4254 bulkhead TNC connector enables designers to make external connections on product
• enclosures, and can be used in a variety of other rack mount and panel mount applications.
• Fairview's TNC female bulkhead connector SC4254 datasheet specifications and outline drawing are shown in this PDF below. Our extensive
• offering of RF, microwave and millimeter wave connectors allows designers to configure and customize their signal connections however they
• like. From providing an I/O for a board design to creating a custom cable assembly configuration, Fairview Microwave has a connector solution
• to meet your needs. Fairview Microwave also has the expertise to build your custom cable assemblies for you and ship them same-day.




Similar Part No. - SC4254

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4250 SEMTECH-SC4250 Datasheet
260Kb / 12P
Negative Voltage Hot Swap Controller
SC4250 SEMTECH-SC4250 Datasheet
251Kb / 12P
Negative Voltage Hot Swap Controller
SC4250HISTR SEMTECH-SC4250HISTR Datasheet
260Kb / 12P
Negative Voltage Hot Swap Controller
SC4250HISTR SEMTECH-SC4250HISTR Datasheet
251Kb / 12P
Negative Voltage Hot Swap Controller
SC4250HISTRT SEMTECH-SC4250HISTRT Datasheet
260Kb / 12P
Negative Voltage Hot Swap Controller
More results


Similar Description - SC4254

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4690 PASTERNACK-PE4690 Datasheet
314Kb / 2P
RP TNC Female Connector Crimp/Solder Attachment For RG316, RG174, RG188
PE4466 PASTERNACK-PE4466 Datasheet
330Kb / 3P
TNC Female Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .480 inch D Hole
PE4462 PASTERNACK-PE4462 Datasheet
300Kb / 2P
TNC Female Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4188 PASTERNACK-PE4188 Datasheet
89Kb / 1P
SMA FEMALE BULKHEAD SOLDER ATTACHMENT FOR RG174 RG188 & RG316
PE4096 PASTERNACK-PE4096 Datasheet
291Kb / 2P
SMB Jack Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4097 PASTERNACK-PE4097 Datasheet
271Kb / 3P
SMB Jack Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44148 PASTERNACK-PE44148 Datasheet
204Kb / 2P
FME Jack Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4700 PASTERNACK-PE4700 Datasheet
319Kb / 3P
RP TNC Female Bulkhead Connector Crimp/Solder Attachment For RG316, RG174, RG188, .480 inch D Hole
PE4901 PASTERNACK-PE4901 Datasheet
241Kb / 2P
MMCX Jack Connector Crimp-Solder Attachment For RG174, RG316, RG188
PE45131 PASTERNACK-PE45131 Datasheet
357Kb / 3P
BNC Female Bulkhead Mount Connector Crimp/Solder Attachment for RG316, RG174, LMR-100 IP67 Rated
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com