Electronic Components Datasheet Search
  English  ▼

X  

FC68127 Datasheet (PDF) - Electronic Components Ltd.

FC68127 Datasheet PDF - Electronic Components Ltd.
Part # FC68127
Download  FC68127 Download
File Size   1144.04 Kbytes
Page   2 Pages
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.
Description 3.5mm 4 Pole Jack Sockets & Plugs

FC68127 Datasheet (PDF)

Go To PDF Page Download Datasheet
FC68127 Datasheet PDF - Electronic Components Ltd.

Part # FC68127
Download  FC68127 Click to download

File Size   1144.04 Kbytes
Page   2 Pages
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.
Description 3.5mm 4 Pole Jack Sockets & Plugs

FC68127 Datasheet (HTML) - Electronic Components Ltd.




Similar Part No. - FC68127

ManufacturerPart #DatasheetDescription
logo
Electronic Components L...
FC68127 CLIFF-FC68127 Datasheet
594Kb / 1P
3.5mm 4 Pole Jack Sockets
FC68127 CLIFF-FC68127 Datasheet
1Mb / 3P
3.5mm 4 Pole Jack Sockets & Plugs
More results


Similar Description - FC68127

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PX0429 BULGIN-PX0429 Datasheet
65Kb / 1P
Plugs and Sockets (2 Pole Earth)
SA2403 BULGIN-SA2403 Datasheet
57Kb / 1P
Plugs and Sockets (3 & 4 pole)
logo
CUI INC
SJ5-43502PM CUI-SJ5-43502PM Datasheet
27Kb / 1P
3.5mm Panel Mount Audio Jack - 4 Connector
logo
Emerson Network Power
ADT-2735-FF-3MM-02-01 EMERSON-NETWORKPOWER-ADT-2735-FF-3MM-02-01 Datasheet
72Kb / 1P
ADAPTER - 3.5MM JACK TO 3.5MM PLUG OUTLINE
logo
Adam Technologies, Inc.
ASJ-96-3 ADAM-TECH-ASJ-96-3 Datasheet
75Kb / 1P
3.5MM PHONE JACK
logo
CUI INC
MJ-3536 CUI-MJ-3536 Datasheet
263Kb / 2P
3.5MM AUDIO JACK
SJ-43502PM CUI-SJ-43502PM Datasheet
265Kb / 1P
3.5mm Panel Mount Audio Jack - 4 Connector
logo
Littelfuse
00681400 LITTELFUSE-00681400 Datasheet
149Kb / 1P
2-Pole Aluminum/Plastic Sockets and Plugs ??ISO 4165
logo
Kycon, Inc.
STX-35061 KYCON-STX-35061 Datasheet
403Kb / 1P
3.5mm Audio Jack, Through Hole, 4 Pole
logo
List of Unclassifed Man...
MJ-064H ETC1-MJ-064H Datasheet
488Kb / 2P
3.5mm Jack - Socket, 4 pole
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com