Electronic Components Datasheet Search
  English  ▼

X  

LCAD1404 Datasheet (PDF) - Infinite Electronics International, Inc.

LCAD1404 Datasheet PDF - Infinite Electronics International, Inc.
Part # LCAD1404
Download  LCAD1404 Download
File Size   353.43 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Swivel Joint SMA Male to SMA Female rated to 6 GHz

LCAD1404 Datasheet (PDF)

Go To PDF Page Download Datasheet
LCAD1404 Datasheet PDF - Infinite Electronics International, Inc.

Part # LCAD1404
Download  LCAD1404 Click to download

File Size   353.43 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Swivel Joint SMA Male to SMA Female rated to 6 GHz

LCAD1404 Datasheet (HTML) - Infinite Electronics International, Inc.


LCAD1404 Product details

Features
• Max VSWR of 1.3:1 up to 6 GHz
• Rotated at the center over 360 Degrees
• Phase rotational effect variation (WOW) of ≤± 0.5° around the
axis
• VSWR of 1.3:1 with rotational effect variation (WOW) ≤±0.03
around the axis
• Insertion Loss < 0.04 dB at 6GHz with rotational effect variation
(WOW) of ≤±0.03 with rotation around the axis

Applications
• Applications: General Purpose
• Commercial and Military Radar
• Land-Mobile-Radio (LMR) Communications
• Anti-Missile Defense
• SatCom




Similar Part No. - LCAD1404

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LCAD1403 L-COM-LCAD1403 Datasheet
348Kb / 1P
Swivel Joint SMA Male to SMA Male rated to 6 GHz
1/20/2022
LCAD1405 L-COM-LCAD1405 Datasheet
359Kb / 1P
Swivel Joint SMA Female to SMA Female rated to 6 GHz
1/20/2022
More results


Similar Description - LCAD1404

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7018-6 PASTERNACK-PE7018-6 Datasheet
266Kb / 3P
6 dB Fixed Attenuator, SMA Male To SMA Female Rated To 25 Watts Up To 18 GHz
PE7005-6 PASTERNACK-PE7005-6 Datasheet
259Kb / 3P
6 dB Fixed Attenuator, SMA Male To SMA Female Rated To 2 Watts Up To 18 GHz
PE7221-6 PASTERNACK-PE7221-6 Datasheet
382Kb / 3P
6 dB Fixed Attenuator, SMA Female To SMA Male Directional Rated To 100 Watts Up To 6 GHz
PE7221-30 PASTERNACK-PE7221-30 Datasheet
382Kb / 3P
30 dB Fixed Attenuator, SMA Female To SMA Male Directional Rated To 100 Watts Up To 6 GHz
PE7227-6 PASTERNACK-PE7227-6 Datasheet
382Kb / 3P
6 dB Fixed Attenuator, SMA Male To SMA Female Directional Rated To 100 Watts Up To 6 GHz
PE7227-20 PASTERNACK-PE7227-20 Datasheet
382Kb / 3P
20 dB Fixed Attenuator, SMA Male To SMA Female Directional Rated To 100 Watts Up To 6 GHz
PE7336-6 PASTERNACK-PE7336-6 Datasheet
352Kb / 3P
6 dB Fixed Attenuator, SMA Male To SMA Female Directional Rated To 50 Watts Up To 18 GHz
PE7357-6 PASTERNACK-PE7357-6 Datasheet
328Kb / 3P
6 dB Fixed Attenuator, SMA Male To SMA Female Rated To 25 Watts Up To 18 GHz
PE7228-6 PASTERNACK-PE7228-6 Datasheet
382Kb / 3P
6 dB Fixed Attenuator, SMA Female To SMA Female Directional Rated To 100 Watts Up To 6 GHz
PE1401 PASTERNACK-PE1401 Datasheet
325Kb / 3P
Rotary Joint Operating to 6 GHz SMA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com