Electronic Components Datasheet Search
  English  ▼

X  

SMC3240DM Datasheet (PDF) - Semtron Microtech Corporation

SMC3240DM Datasheet PDF - Semtron Microtech Corporation
Part # SMC3240DM
Download  SMC3240DM Download
File Size   546.09 Kbytes
Page   5 Pages
Manufacturer  SEMTRON [Semtron Microtech Corporation]
Direct Link  https://www.semtron-micro.com/
Logo SEMTRON - Semtron Microtech Corporation
Description Dual N-Channel MOSFET

SMC3240DM Datasheet (PDF)

Go To PDF Page Download Datasheet
SMC3240DM Datasheet PDF - Semtron Microtech Corporation

Part # SMC3240DM
Download  SMC3240DM Click to download

File Size   546.09 Kbytes
Page   5 Pages
Manufacturer  SEMTRON [Semtron Microtech Corporation]
Direct Link  https://www.semtron-micro.com/
Logo SEMTRON - Semtron Microtech Corporation
Description Dual N-Channel MOSFET

SMC3240DM Datasheet (HTML) - Semtron Microtech Corporation


SMC3240DM Product details

■DESCRIPTION
SMC3240DM is the dual N-Channel enhancement mode power field effect transistors are using trench DMOS technology. This advanced technology has been especially tailored to minimize on-state resistance.This device is ideal for load switch applications.
■FEATURES
VDS=30V, ID=11A
RDS(ON)=9mΩ(Typ.)@VGS=10V
RDS(ON)=11mΩ(Typ.)@VGS=4.5V
◆100% EAS Guaranteed
◆Improved dv/dt capability
◆High power and current handling capability
■APPLICATIONS
◆Power Management
◆DC/DC Power System
◆Load Switch




Similar Part No. - SMC3240DM

ManufacturerPart #DatasheetDescription
logo
Semtron Microtech Corpo...
SMC3240H SEMTRON-SMC3240H Datasheet
570Kb / 5P
Single N-Channel MOSFET
More results


Similar Description - SMC3240DM

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MCS8804 MCC-MCS8804 Datasheet
580Kb / 4P
Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
KI8810DY KEXIN-KI8810DY Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4822 KEXIN-AO4822 Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4822A-HF KEXIN-AO4822A-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4822-HF KEXIN-AO4822-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4828-HF KEXIN-AO4828-HF Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4832 KEXIN-AO4832 Datasheet
1Mb / 5P
Dual N-Channel MOSFET
AO4832-HF KEXIN-AO4832-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4862 KEXIN-AO4862 Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4862-HF KEXIN-AO4862-HF Datasheet
1Mb / 4P
Dual N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com