Electronic Components Datasheet Search
  English  ▼

X  

FM4000 Datasheet (PDF) - TOKYO KEISO CO.,LTD.

FM4000 Datasheet PDF - TOKYO KEISO CO.,LTD.
Part # FM4000
Download  FM4000 Download
File Size   1770.47 Kbytes
Page   21 Pages
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.
Description FM4000

FM4000 Datasheet (PDF)

Go To PDF Page Download Datasheet
FM4000 Datasheet PDF - TOKYO KEISO CO.,LTD.

Part # FM4000
Download  FM4000 Click to download

File Size   1770.47 Kbytes
Page   21 Pages
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.
Description FM4000

FM4000 Datasheet (HTML) - TOKYO KEISO CO.,LTD.


FM4000 Product details

FEATURES
❏ Metal tube (FM4100 to FM4800)
All pressure-resistant parts and wetted parts are made of
metal and hence free from breakage or liquid leakage.
❏ Clear level indication
Fluorescent color flappers enable easy observation of liquid
levels even from a distance. Indicators are free from blurs and
smudges that are common with glass gauges.
❏ Three functions by a single gauge (on-site indication, alarm,
and level transmission)
In addition to on-site indication, an alarm switch and an
analog output (4 to 20 mA DC) transmitter can be additionally
provided for minimizing the total cost of level control.
❏ Operable under harsh conditions
Pressure: Max. 40 MPa
Liquid temperature: −196 to +400ºC
Measurable liquid density: Min. 0.39g/cm3
Interface measurement: Density difference 0.2g/cm3 and
density sum 1.2g/cm3 or higher
(These gauges cannot withstand the combination of maximum
values.)
❏ Manufactured to meet customers’ specifi cations
Gauges can be manufactured to meet customers’ specifi cations
such as connection size, measurement range, density, and vent
and drain designs.
Contact us for details.
❏ High-performance analog output (4 to 20 mA DC) transmitter
using magnetostrictive effect
High-precision analog output (4 to 20 mA DC) transmitter using
the magnetostrictive effect can be additionally provided.
Conforms to Japanese, IECEx, ATEX, and Chinese explosionproof
standards.
❏ Explosion-proof alarm switch
Conforms to Japanese, IECEx, ATEX, and Chinese explosionproof
standards.




Similar Part No. - FM4000

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM4001 RECTRON-FM4001 Datasheet
23Kb / 2P
GLASS PASSIVATED SILICON RECTIFIER(VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
Formosa MS
FM4001 FORMOSA-FM4001 Datasheet
67Kb / 2P
Glass passivated type
FM4001 FORMOSA-FM4001 Datasheet
77Kb / 2P
Chip Silicon Rectifier - Glass passivated type
logo
PACELEADER INDUSTRIAL
FM4001 PACELEADER-FM4001 Datasheet
121Kb / 2P
SURFACE MOUNT STANDARD RECOVERY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
FM4001 PFS-FM4001 Datasheet
184Kb / 2P
FAST RECOVER RECTIFIER
More results





Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com