Electronic Components Datasheet Search
  English  ▼

X  

DRV8220 Datasheet (PDF) - Texas Instruments

DRV8220 Datasheet PDF - Texas Instruments
Part # DRV8220
Download  DRV8220 Download
File Size   2487.42 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8218 11V 8A H-Bridge Motor Driver with PWM, PH/EN, and Half-Bridge Control Interfaces and Low-Power Sleep Mode

DRV8220 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV8220 Datasheet PDF - Texas Instruments

Part # DRV8220
Download  DRV8220 Click to download

File Size   2487.42 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8218 11V 8A H-Bridge Motor Driver with PWM, PH/EN, and Half-Bridge Control Interfaces and Low-Power Sleep Mode

DRV8220 Datasheet (HTML) - Texas Instruments


DRV8220 Product details

1 Features
• N-Channel H-bridge motor driver
• 1.8V to 11V operating supply voltage range
• High output current capability: 8A peak
• 80mΩ RDS(ON) (High-Side + Low-Side)
– 40mΩ per FET
– Parallel ½ Bridge Mode RDS(on): 20mΩ (HS1||HS2)
• 120nA Ultra low-power sleep mode
– <120nA at VVM = 5V, VVCC = 3.3V, TJ = 25°C
– Timed autosleep mode to reduce GPIO
• Supports 1.8V, 3.3V, and 5V logic inputs
• PWM, PH/EN, independent ½ bridge, parallel ½ bridge for flexibility and reduced GPIO
• Protection features
– Undervoltage lockout (UVLO)
– Overcurrent protection (OCP)
– Thermal shutdown (TSD)
• Can drive various types of loads:
– One bidirectional brushed DC motor
– Two unidirectional brushed DC motors
– Single-coil or dual-coil latching relays
– Push-pull and bistable solenoids
– Other resistive, inductive, or LED loads
• Family of devices. See Device Comparison for details.
– DRV8210: 1.65-11V, 1Ω, multiple interfaces
– DRV8210P: Sleep pin, PWM interface
– DRV8212: 1.65-11V, 280mΩ, multiple interfaces
– DRV8212P: Sleep pin, PWM interface
– DRV8218: 1.8-11V, 80mΩ, multiple interfaces
– DRV8220: 4.5-18V, 1Ω, multiple interfaces




Similar Part No. - DRV8220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8220 TI-DRV8220 Datasheet
2Mb / 34P
DRV8220 18-V H-Bridge Motor Driver with PWM, PH/EN, and Half-Bridge Control Interfaces and Low-Power Sleep Mode
DRV8220 TI-DRV8220 Datasheet
3Mb / 38P
DRV8220 18-V H-Bridge Motor Driver with PWM, PH/EN, and Half-Bridge Control Interfaces and Low-Power Sleep Mode
DRV8220 TI-DRV8220 Datasheet
2Mb / 35P
DRV8212 11-V H-Bridge Motor Driver with PWM, PH/EN, and Half-Bridge Control Interfaces and Low-Power Sleep Mode
DRV8220 TI-DRV8220 Datasheet
3Mb / 48P
DRV8212 11-V H-Bridge Motor Driver with PWM, PH/EN, and Half-Bridge Control Interfaces and Low-Power Sleep Mode
DRV8220 TI-DRV8220 Datasheet
2Mb / 34P
DRV8212P 11-V H-Bridge Motor Driver with PWM Interface and Low-Power Sleep Mode
More results


Similar Description - DRV8220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8210 TI-DRV8210 Datasheet
3Mb / 39P
DRV8210 11V H-Bridge Motor Driver with PWM, PH/EN, and Half-Bridge Control Interfaces and Low-Power Sleep Mode
DRV8220 TI-DRV8220 Datasheet
2Mb / 34P
DRV8220 18-V H-Bridge Motor Driver with PWM, PH/EN, and Half-Bridge Control Interfaces and Low-Power Sleep Mode
DRV8210 TI-DRV8210_V01 Datasheet
4Mb / 48P
DRV8210 11-V H-Bridge Motor Driver with PWM, PH/EN, and Half-Bridge Control Interfaces and Low-Power Sleep Mode
DRV8220 TI-DRV8220_V01 Datasheet
3Mb / 38P
DRV8220 18-V H-Bridge Motor Driver with PWM, PH/EN, and Half-Bridge Control Interfaces and Low-Power Sleep Mode
DRV8212 TI-DRV8212 Datasheet
2Mb / 35P
DRV8212 11-V H-Bridge Motor Driver with PWM, PH/EN, and Half-Bridge Control Interfaces and Low-Power Sleep Mode
DRV8212 TI-DRV8212_V01 Datasheet
3Mb / 48P
DRV8212 11-V H-Bridge Motor Driver with PWM, PH/EN, and Half-Bridge Control Interfaces and Low-Power Sleep Mode
DRV8212 TI-DRV8212_V02 Datasheet
3Mb / 48P
DRV8212 11-V H-Bridge Motor Driver with PWM, PH/EN, and Half-Bridge Control Interfaces and Low-Power Sleep Mode
DRV8210 TI-DRV8210_V02 Datasheet
4Mb / 51P
DRV8210 11-V H-Bridge Motor Driver with PWM, PH/EN, and Half-Bridge Control Interfaces and Low-Power Sleep Mode
REVISED AUGUST 2021
DRV8212 TI-DRV8212_V03 Datasheet
4Mb / 49P
DRV8212 11-V H-Bridge Motor Driver with PWM, PH/EN, and Half-Bridge Control Interfaces and Low-Power Sleep Mode
REVISED AUGUST 2021
DRV8220 TI-DRV8220_V02 Datasheet
4Mb / 47P
DRV8220 18-V H-Bridge Motor Driver with PWM, PH/EN, and Half-Bridge Control Interfaces and Low-Power Sleep Mode
REVISED AUGUST 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com