Electronic Components Datasheet Search
  English  ▼

X  

2N6667 Datasheet (PDF) - Inchange Semiconductor Company Limited

2N6667 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2N6667
Download  2N6667 Download
File Size   324.44 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Darlington Silicon Power Transistors

2N6667 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N6667 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2N6667
Download  2N6667 Click to download

File Size   324.44 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Darlington Silicon Power Transistors

2N6667 Datasheet (HTML) - Inchange Semiconductor Company Limited


2N6667 Product details

DESCRIPTION
· Collector-Emitter Breakdown Voltage
-V(BR)CEO= -60V(Min)
· Collector-Emitter Saturation Voltage
-VCE(sat): -3.0V(Max) @IC=-10A
APPLICATIONS
· Designed for general−purpose amplifier and low speed
Switching applications.




Similar Part No. - 2N6667

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6667 MOSPEC-2N6667 Datasheet
151Kb / 3P
POWER TRANSISTORS(65W)
logo
ON Semiconductor
2N6667 ONSEMI-2N6667 Datasheet
168Kb / 6P
DARLINGTON POWER TRANSISTORS(PNP SILICON )
April, 2002 ??Rev. 4
logo
Boca Semiconductor Corp...
2N6667 BOCA-2N6667 Datasheet
157Kb / 3P
PLASTIC MEDIUM-POWER SILICON TRANSISTORS
logo
Central Semiconductor C...
2N6667 CENTRAL-2N6667 Datasheet
71Kb / 1P
NPN SILICON TRANSISTOR
logo
ON Semiconductor
2N6667 ONSEMI-2N6667 Datasheet
76Kb / 8P
Darlington Silicon Power Transistors
April, 2002 ??Rev. 4
More results


Similar Description - 2N6667

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BD684 ETC-BD684 Datasheet
192Kb / 3P
SILICON DARLINGTON POWER TRANSISTORS
logo
NXP Semiconductors
BDT64 PHILIPS-BDT64 Datasheet
487Kb / 15P
SILICON DARLINGTON POWER TRANSISTORS
August 1988
logo
Comset Semiconductor
BD643 COMSET-BD643 Datasheet
336Kb / 5P
SILICON DARLINGTON POWER TRANSISTORS
BD644 COMSET-BD644 Datasheet
369Kb / 5P
SILICON DARLINGTON POWER TRANSISTORS
BD675 COMSET-BD675 Datasheet
86Kb / 4P
SILICON DARLINGTON POWER TRANSISTORS
logo
ON Semiconductor
2N6667 ONSEMI-2N6667_07 Datasheet
102Kb / 6P
Darlington Silicon Power Transistors
November, 2007 - Rev. 6
logo
Comset Semiconductor
BDT63 COMSET-BDT63 Datasheet
111Kb / 5P
SILICON DARLINGTON POWER TRANSISTORS
TIP105 COMSET-TIP105 Datasheet
102Kb / 3P
SILICON DARLINGTON POWER TRANSISTORS
TIP115 COMSET-TIP115 Datasheet
102Kb / 3P
SILICON DARLINGTON POWER TRANSISTORS
TIP120 COMSET-TIP120 Datasheet
103Kb / 3P
SILICON DARLINGTON POWER TRANSISTORS
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com