Electronic Components Datasheet Search
  English  ▼

X  

EL12M Datasheet (PDF) - YORKVILLE

EL12M Datasheet PDF - YORKVILLE
Part # EL12M
Download  EL12M Download
File Size   414.81 Kbytes
Page   1 Pages
Manufacturer  YORKVILLE [YORKVILLE]
Direct Link  https://yorkville.com/
Logo YORKVILLE - YORKVILLE
Description 12” POWERED STAGE MONITOR

EL12M Datasheet (PDF)

Go To PDF Page Download Datasheet
EL12M Datasheet PDF - YORKVILLE

Part # EL12M
Download  EL12M Click to download

File Size   414.81 Kbytes
Page   1 Pages
Manufacturer  YORKVILLE [YORKVILLE]
Direct Link  https://yorkville.com/
Logo YORKVILLE - YORKVILLE
Description 12” POWERED STAGE MONITOR

EL12M Datasheet (HTML) - YORKVILLE


EL12M Product details

Features
l 1200 W Peak Power (600 W Program)
l 12” Coaxial Woofer with 2.5” Voice Coil
l 1” HF Driver with 1.75” Voice Coil
l 3 Voicing Modes
l Onboard Limiter
l Combi-Jack XLR / 1/4” Input and 2 XLR Outputs
l powerCON® TRUE1 Compatible Input and Output
l 15 mm Birch Plywood Construction
l Made in Canada




Similar Part No. - EL12M

ManufacturerPart #DatasheetDescription
logo
nVent Electric plc
EL1200D24V NVENT-EL1200D24V Datasheet
453Kb / 6P
Electrical Accessories
EL1200DS-US NVENT-EL1200DS-US Datasheet
453Kb / 6P
Electrical Accessories
EL1200M NVENT-EL1200M Datasheet
453Kb / 6P
Electrical Accessories
EL1200M24V NVENT-EL1200M24V Datasheet
453Kb / 6P
Electrical Accessories
EL1200MS-US NVENT-EL1200MS-US Datasheet
453Kb / 6P
Electrical Accessories
More results


Similar Description - EL12M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4040B PHILIPS-HEF4040B Datasheet
42Kb / 5P
12-stage binary counter
January 1995
TEA1083 PHILIPS-TEA1083 Datasheet
139Kb / 20P
Call progress monitor for line powered telephone sets
March 1994
logo
Fairchild Semiconductor
74VHC4040 FAIRCHILD-74VHC4040 Datasheet
67Kb / 7P
12-Stage Binary Counter
logo
Hitachi Semiconductor
HD74HC4040 HITACHI-HD74HC4040 Datasheet
54Kb / 9P
12-stage Binary Counter
HD74LV4040A HITACHI-HD74LV4040A Datasheet
95Kb / 17P
12-stage Binary Counter
logo
Panasonic Semiconductor
MN4040B PANASONIC-MN4040B Datasheet
82Kb / 3P
12 STAGE BINARY COUNTERS
logo
Fairchild Semiconductor
74VHC4040 FAIRCHILD-74VHC4040_07 Datasheet
333Kb / 9P
12-Stage Binary Counter
logo
Renesas Technology Corp
HD74LV4040A RENESAS-HD74LV4040A Datasheet
185Kb / 11P
12-stage Binary Counter
HD74HC4040 RENESAS-HD74HC4040 Datasheet
93Kb / 7P
12-stage Binary Counter
logo
Murata Manufacturing Co...
DMS-LM3 MURATA-DMS-LM3 Datasheet
172Kb / 2P
Self-Powered LED Display 480V AC Line Monitor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com