Electronic Components Datasheet Search
  English  ▼

X  

AFE34RF90 Datasheet (PDF) - Texas Instruments

AFE34RF90 Datasheet PDF - Texas Instruments
Part # AFE34RF90
Download  AFE34RF90 Download
File Size   503.06 Kbytes
Page   6 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AFE34RF90 Quad Channel 12-Bit 64GSPS RF Sampling AFE

AFE34RF90 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFE34RF90 Datasheet PDF - Texas Instruments

Part # AFE34RF90
Download  AFE34RF90 Click to download

File Size   503.06 Kbytes
Page   6 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AFE34RF90 Quad Channel 12-Bit 64GSPS RF Sampling AFE

AFE34RF90 Datasheet (HTML) - Texas Instruments


AFE34RF90 Product details

1 Features
• Request full data sheet
• Quad RF sampling 32 to 64GSPS DACs and ADCs
• RF frequency range: DC to >40GHz
• Sub-ADC core sample rate: 8GSPS
• Maximum signal bandwidth:
– 4T4R: 3.2GHz (4GSPS complex)
– 2T2R: 6.4GHz (8GSPS complex)
• Input clock: 4 to 8GHz
• ADC performance
– Noise floor: -154dBFS/Hz
– IMD3 (-7dBFS each tone, 16.1GHz): -60dBc
• DAC performance
– NSD (-12dBFS, 16.1GHz): -163dBFS/Hz
– IMD3 (-7dBFS each tone, 16.1GHz): -60dBc
• DSP blocks
– Multiband DUC/DDC (phase coherent hopping)
– PFIR equalizer
– FFT spectrum analyzer
– Fractional resampler
• SerDes data interface:
– JESD204B and JESD204C compatible
– 16 SerDes transceivers up to 32.5Gbps
– Subclass 1 multi-device synchronization
• Supply voltages: 0.9V, 1.2V, and 1.8V
• Package: 24mm × 24mm FCBGA, 0.8mm pitch




Similar Part No. - AFE34RF90

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE3010 TI1-AFE3010 Datasheet
1Mb / 34P
AFE3010 Ground Fault Circuit Interrupter (GFCI) With Self-Test and Neutral-Ground Fault Detection
AFE3010 TI2-AFE3010 Datasheet
902Kb / 33P
AFE3010 Ground Fault Circuit Interrupter (GFCI) With Self-Test and Neutral-Ground Fault Detection
JUNE 2020
AFE3010AIRGTR TI1-AFE3010AIRGTR Datasheet
1Mb / 34P
AFE3010 Ground Fault Circuit Interrupter (GFCI) With Self-Test and Neutral-Ground Fault Detection
AFE3010AIRGTR TI2-AFE3010AIRGTR Datasheet
902Kb / 33P
AFE3010 Ground Fault Circuit Interrupter (GFCI) With Self-Test and Neutral-Ground Fault Detection
JUNE 2020
AFE3010AIRGTR.B TI2-AFE3010AIRGTR.B Datasheet
902Kb / 33P
AFE3010 Ground Fault Circuit Interrupter (GFCI) With Self-Test and Neutral-Ground Fault Detection
JUNE 2020
More results


Similar Description - AFE34RF90

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7444 TI1-AFE7444 Datasheet
79Kb / 4P
Quad-Channel, RF-Sampling AFE With 14-Bit, 9-GSPS DACs and 14-Bit, 3-GSPS ADCs
AFE7444 TI1-AFE7444_V01 Datasheet
363Kb / 8P
AFE7444 Quad-channel, RF-sampling AFE with 14-bit, 9-GSPS DACs and 14-bit, 3-GSPS ADCs
AFE7900 TI1-AFE7900 Datasheet
597Kb / 8P
AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7950 TI1-AFE7950_V01 Datasheet
605Kb / 9P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7900 TI-AFE7900_V01 Datasheet
16Mb / 157P
AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MARCH 2022
ADC34RF52 TI-ADC34RF52 Datasheet
3Mb / 105P
ADC34RF52 Quad Channel 14-bit 1.5-GSPS RF Sampling Data Converter
MARCH 2023
AFE7901 TI-AFE7901 Datasheet
15Mb / 160P
AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
APRIL 2023
AFE7951 TI-AFE7951 Datasheet
13Mb / 135P
AFE7951 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MAY 2023
AFE7955 TI1-AFE7955 Datasheet
15Mb / 126P
AFE7955 2T3R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
JULY 2023
ADC34RF55 TI-ADC34RF55 Datasheet
4Mb / 105P
ADC34RF55 Quad Channel 14-bit 3-GSPS RF Sampling Data Converter
NOVEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com