Electronic Components Datasheet Search
  English  ▼

X  

35193 Datasheet (PDF) - MENDA

35193 Datasheet PDF - MENDA
Part # 35193
Download  35193 Download
File Size   186.82 Kbytes
Page   1 Pages
Manufacturer  MENDA [MENDA]
Direct Link  https://menda.descoindustries.com/
Logo MENDA - MENDA
Description ARM BAND ESD BADGE HOLDER, 2-3/8" x 3-3/8" INSERT SIZE

35193 Datasheet (PDF)

Go To PDF Page Download Datasheet
35193 Datasheet PDF - MENDA

Part # 35193
Download  35193 Click to download

File Size   186.82 Kbytes
Page   1 Pages
Manufacturer  MENDA [MENDA]
Direct Link  https://menda.descoindustries.com/
Logo MENDA - MENDA
Description ARM BAND ESD BADGE HOLDER, 2-3/8" x 3-3/8" INSERT SIZE

35193 Datasheet (HTML) - MENDA


35193 Product details

Features:
•
ESD Arm Band Badge Holder is ideal for use by electronic manufacturers working with ESD sensitive components
•
Perfect for active personnel if standard badges fall off their clothing
•
Adjustable black elastic band flexes with arm movement for secure fit
•
Material Thickness: 0.036" (0.9 mm) ESD vinyl on the back and 0.012” (0.3 mm) clear firm copy guard ESD vinyl as front inner liner to ensure durability and high-end appearance
◦ Material Tolerance (thickness): ±10%
•
ESD symbol allows people to immediately know the Badge Holder has ESD control properties - low charging antistatic and dissipative
•
Made with a custom dissipative material made exclusively for Desco Industries Inc
◦ Rtt: 1 x 106 to < 1 x 1010 ohms per ANSI/ESD STM11.11
◦ Tribocharging: Less than 100 volts
•
4" x 4-5/16" (Outer Dimension), 2-3/8" x 3-3/8" (Insert Size)
•
Made in the United States of America




Similar Part No. - 35193

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
35193 FESTO-35193 Datasheet
81Kb / 2P
ISO cylinder
logo
Alpha Wire
35193 ALPHAWIRE-35193 Datasheet
407Kb / 4P
22 (7/30) AWG Tinned Copper
More results


Similar Description - 35193

ManufacturerPart #DatasheetDescription
logo
Sames
SA9203 SAMES-SA9203 Datasheet
113Kb / 14P
6/3 X 8 PORT EXPANDER
logo
ATMEL Corporation
AT29LV020 ATMEL-AT29LV020_08 Datasheet
387Kb / 16P
2-megabit (256K x 8) 3-volt Only Flash Memory
logo
List of Unclassifed Man...
36017 ETC2-36017 Datasheet
81Kb / 1P
35017 - BADGE HOLDER, ESD, ZIPPER, HORIZONTAL, 4 x 3-3/8
logo
Crydom Inc.,
HK1 CRYDOM-HK1 Datasheet
234Kb / 1P
HK1 contains 2 SSR mounting screws 8-32 x 3/8
logo
PHOENIX CONTACT
3030297 PHOENIX-3030297 Datasheet
66Kb / 2P
FBS 3-8
3118148 PHOENIX-3118148 Datasheet
69Kb / 2P
EBS 3- 8
1711084 PHOENIX-1711084 Datasheet
157Kb / 4P
MKDS 3/ 8
logo
Schneider Electric
LDB83 SCHNEIDER-LDB83 Datasheet
82Kb / 2P
WIREWAY 8 x 8 - N1 Paint - 3 ft lg
Jun 3, 2020
LJB83 SCHNEIDER-LJB83 Datasheet
58Kb / 2P
WIREWAY 8 x 8 - N12 - 3 ft lg
Jun 3, 2020
logo
SparkFun Electronics
ROB-12457 SPARKFUN-ROB-12457 Datasheet
92Kb / 1P
Shaft Coupler - 3/8 to 3/8
1/15/2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com