Electronic Components Datasheet Search
  English  ▼

X  

DIA7976APAACD8 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIA7976APAACD8 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIA7976APAACD8
Download  DIA7976APAACD8 Download
File Size   2278.93 Kbytes
Page   25 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 500 mA, High-Accuracy LDO with Power-Good for Automotive Application

DIA7976APAACD8 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIA7976APAACD8 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIA7976APAACD8
Download  DIA7976APAACD8 Click to download

File Size   2278.93 Kbytes
Page   25 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 500 mA, High-Accuracy LDO with Power-Good for Automotive Application

DIA7976APAACD8 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIA7976APAACD8 Product details

 Features
 AEC-Q100 qualified:
− Device ambient temperature:
-40°C ≤ TA ≤ 125°C
− Device junction temperature:
-40°C ≤ TJ ≤ 150°C
 Operating input voltage range: 1.7 V to 6.0 V
 Operating output voltage range:
− Fixed options: 0.65 V to 5.0 V
− Adjustable option: 0.55 V to 5.5 V
 High PSRR: 64 dB at 1 kHz
 Power-good output options:
− Open-drain:DIA7976AO and DIA7976BO
− Push-pull: DIA7976AP and DIA7976BP
 Output accuracy:
− ±1% at TA = 25°C
− ±1.5% at -40°C ≤ TA ≤ 85°C
− ±2% at -40°C ≤ TA ≤ 125°C
 Ultra-low dropout:
− 150 mV at 500 mA, VOUT = 3.3 V
 Low quiescent current:
− 27 μA typical at no load
− 100 nA shutdown mode typical current
 Active output discharge: DIA7976A
 Non-active output discharge: DIA7976B
 Stable with a 1 μF or larger capacitor
 Applications
 Automotive head units
 Front and rear cameras
 Automotive cluster displays
 Telematics control units
 Medium, short range radar
 Description
The DIA7976 is a 500 mA ultra-low-dropout regulator
with power-good function. The DIA7976 is designed
for applications requiring low quiescent current and
provides fast line and load transient performance.
Additionally, DIA7976 features high Power Supply
Ripple Rejection (PSRR) at up to 500 mA.
The DIA7976 operates with an input voltage range
from 1.7 V to 6.0 V and the output voltage is
adjustable from 0.55 V to 5.5 V.
The DIA7976 is stable with small ceramic output
capacitors, allowing for a small overall solution size.
An error amplifier and precision band-gap provide an
accuracy of ±2% over temperature. The DIA7976
helps reduce the thermal dissipation during
short-circuit events with internal short-current limit.
The device also contains integrated thermal
shutdown, current limit, and undervoltage lockout
(UVLO) features.




Similar Part No. - DIA7976APAACD8

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIA7965 DIOO-DIA7965 Datasheet
1Mb / 18P
Automotive 500 mA, High PSRR Low IQ LDO
Dec 2023
DIA7965AAAEN4 DIOO-DIA7965AAAEN4 Datasheet
1Mb / 18P
Automotive 500 mA, High PSRR Low IQ LDO
Dec 2023
DIA7965AAAST5 DIOO-DIA7965AAAST5 Datasheet
1Mb / 18P
Automotive 500 mA, High PSRR Low IQ LDO
Dec 2023
DIA7965BAAEN4 DIOO-DIA7965BAAEN4 Datasheet
1Mb / 18P
Automotive 500 mA, High PSRR Low IQ LDO
Dec 2023
DIA7965BAAST5 DIOO-DIA7965BAAST5 Datasheet
1Mb / 18P
Automotive 500 mA, High PSRR Low IQ LDO
Dec 2023
More results


Similar Description - DIA7976APAACD8

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1303B MICROCHIP-TC1303B Datasheet
601Kb / 30P
500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2005
TC1303A MICROCHIP-TC1303A Datasheet
635Kb / 36P
500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2005
TC1303A MICROCHIP-TC1303A_08 Datasheet
791Kb / 38P
500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2008
logo
ON Semiconductor
NCP3337 ONSEMI-NCP3337 Datasheet
1Mb / 16P
Ultra High Accuracy, Low Iq, 500 mA with Power Good Low Dropout Regulator
August, 2010 ??Rev. 0
NCP3337MNADJR2G ONSEMI-NCP3337MNADJR2G Datasheet
1Mb / 16P
Ultra High Accuracy, Low Iq, 500 mA with Power Good Low Dropout Regulator
August, 2010 ??Rev. 0
NCV8537 ONSEMI-NCV8537 Datasheet
1Mb / 16P
500 mA High Accuracy Low Dropout Linear Regulator with Power Good Function
May, 2013 ??Rev. 2
logo
Texas Instruments
TPS7A90 TI1-TPS7A90 Datasheet
2Mb / 33P
500-mA, High-Accuracy, Low-Noise LDO Voltage Regulator
TPS7B70-Q1 TI1-TPS7B70-Q1 Datasheet
1,009Kb / 22P
Automotive, 300-mA, 40-V, Low-IQ LDO With Power Good
TPS7B70-Q1 TI1-TPS7B70-Q1_18 Datasheet
1Mb / 26P
Automotive, 300-mA, 40-V, Low-IQ LDO With Power Good
TPS7A90 TI-TPS7A90_V01 Datasheet
3Mb / 34P
TPS7A90 500-mA, High-Accuracy, Low-Noise LDO Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com