Electronic Components Datasheet Search
  English  ▼

X  

LN802_E Datasheet (PDF) - Shanghai Natlinear Electronics Co., Ltd.

LN802_E Datasheet PDF - Shanghai Natlinear Electronics Co., Ltd.
Part # LN802_E
Download  LN802_E Download
File Size   394.85 Kbytes
Page   5 Pages
Manufacturer  NATLINEAR [Shanghai Natlinear Electronics Co., Ltd.]
Direct Link  http://www.natlinear.com/en/index/index
Logo NATLINEAR - Shanghai Natlinear Electronics Co., Ltd.
Description Voltage Detectors With Adjustable Delay Circuit External

LN802_E Datasheet (PDF)

Go To PDF Page Download Datasheet
LN802_E Datasheet PDF - Shanghai Natlinear Electronics Co., Ltd.

Part # LN802_E
Download  LN802_E Click to download

File Size   394.85 Kbytes
Page   5 Pages
Manufacturer  NATLINEAR [Shanghai Natlinear Electronics Co., Ltd.]
Direct Link  http://www.natlinear.com/en/index/index
Logo NATLINEAR - Shanghai Natlinear Electronics Co., Ltd.
Description Voltage Detectors With Adjustable Delay Circuit External

LN802_E Datasheet (HTML) - Shanghai Natlinear Electronics Co., Ltd.


LN802_E Product details

■ Features
Precision VCC Monitor for 1.63,1,93,2.63V, 2.93V, 3.08V, 4.00V ,4.38V and4.63V
Highly Accurate: ± 2%
■ General Description
The LN802 is a cost-effective system supervisor Integrated Circuit (IC) designed to monitor VCC in digital and mixed signal systems and provide a warning signal when the system power supply is out of working range, and a reset signal to the host processor when necessary.
It features low supply current. CMOS output configurations is available. Delay time can be set by a external capacitor.
■ Applications
Microprocessor reset circuitry
Memory battery back-up circuits
Power-on reset circuits
Power failure detection
System battery life and charge voltage monitors
Delay circuitry




Similar Part No. - LN802_E

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN803169UNA-A4 PANASONIC-LN803169UNA-A4 Datasheet
20Kb / 1P
LED LINE LIGHT SOURCE
logo
Intel Corporation
LN80C32 INTEL-LN80C32 Datasheet
312Kb / 23P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
LN80C51FA INTEL-LN80C51FA Datasheet
200Kb / 13P
EVENT-CONTROL CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
LN80C52 INTEL-LN80C52 Datasheet
312Kb / 23P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
LN80C54 INTEL-LN80C54 Datasheet
312Kb / 23P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results


Similar Description - LN802_E

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61F TOREX-XC61F Datasheet
196Kb / 12P
Voltage Detectors ( Delay Circuit Built-In)
XC61F TOREX-XC61F_1 Datasheet
740Kb / 12P
Voltage Detectors, Delay Circuit Built-In
XC61F TOREX-XC61F_2 Datasheet
674Kb / 14P
Voltage Detectors, Delay Circuit Built-In
XC6132 TOREX-XC6132 Datasheet
824Kb / 30P
Delay capacitor adjustable voltage detectors with sense pin isolation
XC6133 TOREX-XC6133 Datasheet
559Kb / 28P
Delay capacitor adjustable voltage detectors with sense pin isolation
XC6134 TOREX-XC6134 Datasheet
531Kb / 28P
Delay capacitor adjustable voltage detectors with sense pin isolation
logo
E-CMOS Corporation
EC95810 E-CMOS-EC95810 Datasheet
931Kb / 15P
Voltage Detectors with Built-in Delay Circuit
logo
Torex Semiconductor
XD6132 TOREX-XD6132 Datasheet
547Kb / 28P
Delay capacitor adjustable voltage detectors with sense pin isolation
XD6133 TOREX-XD6133 Datasheet
600Kb / 28P
Delay capacitor adjustable voltage detectors with sense pin isolation
logo
AiT Semiconductor Inc.
A4809C AITSEMI-A4809C Datasheet
503Kb / 8P
SUPERVISOR (RESET IC) VOLTAGE DETECTORS WITH DELAY CIRCUIT BUILT-IN
REV1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com