Electronic Components Datasheet Search
  English  ▼

X  

CA1 Datasheet (PDF) - YORKVILLE

CA1 Datasheet PDF - YORKVILLE
Part # CA1
Download  CA1 Download
File Size   760.05 Kbytes
Page   1 Pages
Manufacturer  YORKVILLE [YORKVILLE]
Direct Link  https://yorkville.com/
Logo YORKVILLE - YORKVILLE
Description 70V INSTALLATION AMPLIFIER

CA1 Datasheet (PDF)

Go To PDF Page Download Datasheet
CA1 Datasheet PDF - YORKVILLE

Part # CA1
Download  CA1 Click to download

File Size   760.05 Kbytes
Page   1 Pages
Manufacturer  YORKVILLE [YORKVILLE]
Direct Link  https://yorkville.com/
Logo YORKVILLE - YORKVILLE
Description 70V INSTALLATION AMPLIFIER

CA1 Datasheet (HTML) - YORKVILLE


CA1 Product details

Features
l 4-ohm speaker load, or four separate 70-volt
speaker systems (one ‘system’ per zone)
l Delivers 180 watts (mono) @ 4 Ohms
l 6 Channels
l Phantom power included
l Zone Paging / Telephone interface built in
l 1/4-inch / XLR / RCA inputs
l Headphone monitor




Similar Part No. - CA1

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
CA1 NAIS-CA1 Datasheet
134Kb / 5P
AUTOMOTIVE POWER RELAYS SMALL SIZE, LIGHT WEIGHT AND COMPLETELY WATER TIGHT
logo
Tyco Electronics
CA1 MACOM-CA1 Datasheet
360Kb / 2P
Cascadable Amplifier 5 to 500 MHz
logo
Panasonic Semiconductor
CA1-12V-C PANASONIC-CA1-12V-C Datasheet
112Kb / 6P
AUTOMOTIVE POWER RELAYS - SMALL SIZE, LIGHT WEIGHT
CA1-12V-N PANASONIC-CA1-12V-N Datasheet
112Kb / 6P
AUTOMOTIVE POWER RELAYS - SMALL SIZE, LIGHT WEIGHT
CA1-24V-C PANASONIC-CA1-24V-C Datasheet
112Kb / 6P
AUTOMOTIVE POWER RELAYS - SMALL SIZE, LIGHT WEIGHT
More results


Similar Description - CA1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7296 STMICROELECTRONICS-TDA7296 Datasheet
241Kb / 13P
70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Sep-1997
TDA7296A STMICROELECTRONICS-TDA7296A Datasheet
241Kb / 13P
70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Jun-1996
logo
Zetex Semiconductors
ZXT4M322 ZETEX-ZXT4M322 Datasheet
112Kb / 6P
70V PNP LOW SATURATION TRANSISTOR
logo
STMicroelectronics
TDA7296 STMICROELECTRONICS-TDA7296_05 Datasheet
283Kb / 15P
70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Feb-2005
TDA-7296 STMICROELECTRONICS-TDA-7296 Datasheet
291Kb / 15P
70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Feb-2005
logo
Micrel Semiconductor
MIC28304 MICREL-MIC28304 Datasheet
2Mb / 39P
70V 3A Power Module
logo
Diodes Incorporated
ZXT4M322 DIODES-ZXT4M322 Datasheet
331Kb / 6P
70V PNP LOW SATURATION TRANSISTOR
JUNE 2003
logo
International Rectifier
M3G70T IRF-M3G70T_15 Datasheet
177Kb / 12P
70V Input, Triple Output
logo
Maxim Integrated Produc...
MAX49921 MAXIM-MAX49921 Datasheet
432Kb / 14P
0 to 70V, High-Precision Current-Sense Amplifier
2021
logo
AiT Semiconductor Inc.
BAS70 AITSEMI-BAS70 Datasheet
265Kb / 5P
SCHOTTKY DIODES 70mA, 70V
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com