Electronic Components Datasheet Search
  English  ▼

X  

35030 Datasheet (PDF) - MENDA

35030 Datasheet PDF - MENDA
Part # 35030
Download  35030 Download
File Size   138.6 Kbytes
Page   1 Pages
Manufacturer  MENDA [MENDA]
Direct Link  https://menda.descoindustries.com/
Logo MENDA - MENDA
Description VERTICAL COLORED BADGE HOLDER WITH CLEAR ZIPPER

35030 Datasheet (PDF)

Go To PDF Page Download Datasheet
35030 Datasheet PDF - MENDA

Part # 35030
Download  35030 Click to download

File Size   138.6 Kbytes
Page   1 Pages
Manufacturer  MENDA [MENDA]
Direct Link  https://menda.descoindustries.com/
Logo MENDA - MENDA
Description VERTICAL COLORED BADGE HOLDER WITH CLEAR ZIPPER

35030 Datasheet (HTML) - MENDA


35030 Product details

SPECIFICATIONS
Vinyl Badge Holder
Material Thickness: 0.012" (1.5S) front & back
Material Tolerance (thickness): ±10%
Color code badge holders to identify departments or access rights
Includes a 1/8" x 9/16" punch through slot, and two 3/16" diameter
hang holes located 3/8" from the top
3" x 5" (Outer Dimension), 2 5/8" x 3 7/8" (Insert Size)
Opening located 7/8" from top, with clear zipper closure
Embossed with Menda, and Made in America along header
Made in America




Similar Part No. - 35030

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3503 ALLEGRO-3503 Datasheet
183Kb / 8P
RATIOMETRIC, LINEAR HALL-EFFECT SENSORS
logo
Peregrine Semiconductor...
3503 PEREGRINE-3503 Datasheet
162Kb / 7P
3500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler
logo
Videk Ltd
3503 VIDEK-3503 Datasheet
114Kb / 1P
ST to ST Duplex patch cord
30.MAY.2007
logo
Multicomp Pro
3503 MULTICOMP-3503 Datasheet
240Kb / 2P
PTFE Heat Shrink Tubing
13/09/22 V1.0
logo
Switchcraft, Inc.
3503 SWITCH-3503 Datasheet
861Kb / 4P
Q-G®CORD PLUG CONNECTORS AND RECEPTACLES
More results


Similar Description - 35030

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVLENS154 OPTEK-OVLENS154 Datasheet
327Kb / 3P
Secondary Lens with Holder
logo
Molex Electronics Ltd.
91236-0001 MOLEX-91236-0001 Datasheet
44Kb / 3P
2.54mm Pitch SIM Card Holder with Ejector, 6 Circuits, Vertical Fascia
0912360001 MOLEX-0912360001 Datasheet
44Kb / 2P
2.54mm Pitch SIM Card Holder with Ejector, 6 Circuits, Vertical Fascia
logo
List of Unclassifed Man...
13882 ETC2-13882 Datasheet
159Kb / 1P
STATFREE ESD ULTRA CLEAR BAG WITH ZIPPER, .0035 (.0889mm)
36017 ETC2-36017 Datasheet
81Kb / 1P
35017 - BADGE HOLDER, ESD, ZIPPER, HORIZONTAL, 4 x 3-3/8
logo
LUMEX INC.
SSL-LX5099SISYSUGC LUMEX-SSL-LX5099SISYSUGC Datasheet
60Kb / 1P
T-5mm LED, 6 LEADED Multi COLORED WATER CLEAR LENS
logo
TT Electronics.
OVLENSXX4 TTELEC-OVLENSXX4 Datasheet
598Kb / 3P
Secondary Lens With Holder
OVLENS154 TTELEC-OVLENS154 Datasheet
329Kb / 3P
Secondary Lens with Holder
logo
3M Electronics
SJ5000 3M-SJ5000 Datasheet
342Kb / 8P
3M™ Bumpon™ Protective Products Molded Shapes - Colored and Clear Series
Jul-2015
logo
WAGO Kontakttechnik Gmb...
811-1316 WAGO-811-1316 Datasheet
291Kb / 6P
2-conductor fuse holder ; with pivoting fuse holder; with test option
29.12.2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com