Electronic Components Datasheet Search
  English  ▼

X  

M5018-SW Datasheet (PDF) - CBC Group. CBC AMERICA LLC.

M5018-SW Datasheet PDF - CBC Group. CBC AMERICA LLC.
Part # M5018-SW
Download  M5018-SW Download
File Size   100.62 Kbytes
Page   1 Pages
Manufacturer  COMPUTAR [CBC Group. CBC AMERICA LLC.]
Direct Link  https://www.computar.com/
Logo COMPUTAR - CBC Group. CBC AMERICA LLC.
Description f=50mm F1.8 for 2/3 type SWIR (800nm~1700nm) Cameras C-Mount

M5018-SW Datasheet (PDF)

Go To PDF Page Download Datasheet
M5018-SW Datasheet PDF - CBC Group. CBC AMERICA LLC.

Part # M5018-SW
Download  M5018-SW Click to download

File Size   100.62 Kbytes
Page   1 Pages
Manufacturer  COMPUTAR [CBC Group. CBC AMERICA LLC.]
Direct Link  https://www.computar.com/
Logo COMPUTAR - CBC Group. CBC AMERICA LLC.
Description f=50mm F1.8 for 2/3 type SWIR (800nm~1700nm) Cameras C-Mount

M5018-SW Datasheet (HTML) - CBC Group. CBC AMERICA LLC.




Similar Part No. - M5018-SW

ManufacturerPart #DatasheetDescription
logo
CBC Group. CBC AMERICA ...
M5018-APVSW COMPUTAR-M5018-APVSW Datasheet
135Kb / 1P
f=50mm F1.8 ViSWIR Hyper Apochromat for VisibleSWIR image sensor, Fixed-focal C‐Mount
2024.01
M5018-APVSW COMPUTAR-M5018-APVSW Datasheet
13Mb / 2P
Compatible with the latest InGaAs sensor cameras
01/24
M5018-APVSW COMPUTAR-M5018-APVSW Datasheet
13Mb / 2P
Compatible with the latest InGaAs sensor cameras
01/24
M5018-MP2 COMPUTAR-M5018-MP2 Datasheet
648Kb / 1P
f=50mm F1.8 for 2/3 type Megapixel Cameras C-Mount
2008.05
M5018-VSW COMPUTAR-M5018-VSW Datasheet
13Mb / 2P
Compatible with the latest InGaAs sensor cameras
01/24
More results


Similar Description - M5018-SW

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
F2X3IB6 PANDUIT-F2X3IB6 Datasheet
72Kb / 1P
WIRING DUCT - TYPE F WITH COVER 2 X 3
logo
Marktech Corporate
MTAPD-07-001 MARKTECH-MTAPD-07-001 Datasheet
3Mb / 4P
800nm Avalanche Photodiode
MTAPD-07-005 MARKTECH-MTAPD-07-005 Datasheet
3Mb / 4P
800nm Avalanche Photodiode
logo
ALPS ELECTRIC CO.,LTD.
EC50A ALPS-EC50A Datasheet
763Kb / 3P
50mm Size Ring Type
logo
Marktech Corporate
MTAPD-06-001 MARKTECH-MTAPD-06-001 Datasheet
3Mb / 4P
800nm Avalanche Photodiode
MTAPD-06-005 MARKTECH-MTAPD-06-005 Datasheet
2Mb / 4P
800nm Avalanche Photodiode
logo
CT Micro International ...
HIRP1608XC09-H5 CTMICRO-HIRP1608XC09-H5 Datasheet
818Kb / 9P
SMD Type 800nm Infrared Emitter
logo
HARTING Technology Grou...
09-15-003-3101 HARTING-09-15-003-3101 Datasheet
451Kb / 2P
Han 3 Quintax-F-c Inserts
logo
Molex Electronics Ltd.
151340300 MOLEX-151340300 Datasheet
152Kb / 1P
Picoblade 3 Circuit 50MM
2016/07/28
151360300 MOLEX-151360300 Datasheet
152Kb / 1P
MicroClasp 3 Circuit 50MM
2016/12/19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com