Electronic Components Datasheet Search
  English  ▼

X  

SM8927 Datasheet (PDF) - Infinite Electronics International, Inc.

SM8927 Datasheet PDF - Infinite Electronics International, Inc.
Part # SM8927
Download  SM8927 Download
File Size   369.1 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 2.92mm Male (Plug) to Mini SMP Male (Plug) Full Detent Adapter, Gold Plated Beryllium Copper Body, 1.3 VSWR

SM8927 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM8927 Datasheet PDF - Infinite Electronics International, Inc.

Part # SM8927
Download  SM8927 Click to download

File Size   369.1 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 2.92mm Male (Plug) to Mini SMP Male (Plug) Full Detent Adapter, Gold Plated Beryllium Copper Body, 1.3 VSWR

SM8927 Datasheet (HTML) - Infinite Electronics International, Inc.


SM8927 Product details

Features
• VSWR of 1.3:1 max up to 40 GHz
• 2.92mm interface meets MIL-STD-348
• Mini SMP interface meets MIL-STD-348
• Contact plating according to MIL-G-45204
• Gold Plated Beryllium Copper Contact
• Applications
• Enables Between Series Connections
• General Purpose Test
• Description
• 2.92mm male to Mini SMP male full detent adapter part number SM8927 from Fairview Microwave is in-stock and ships same day. This
• Fairview 2.92mm to Mini SMP adapter has a male to male gender configuration. SM8927 2.92mm male to Mini SMP male adapter operates
• to 40 GHz. The Fairview Microwave RF adapter provides good VSWR of 1.3:1 maximum. The 2.92mm connector mates mechanically with
• commercially available SMA and 3.5mm connectors.
• RF adapters can be used to enable connections between two connector types that would otherwise not mate. Certain RF adapter configurations
• can also be used to protect connectors on expensive equipment where the number of connect and disconnect cycles is high. An RF, microwave,
• or millimeter wave adapter is connected to the equipment and the commonly changed connection is made with the adapter which can be easily
• replaced when it wears out after high usage; such adapters are referred to as connector savers. Fairview Microwave also offers bulkhead,
• panel mount, hermetically sealed, reverse polarity, and isolated ground adapter varieties to serve all of your RF, microwave and millimeter
• wave needs.




Similar Part No. - SM8927

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SM8921 FAIRVIEW-SM8921 Datasheet
501Kb / 3P
2.92mm Female to Mini SMP Female Adapter
REV 2.2
SM8923 FAIRVIEW-SM8923 Datasheet
546Kb / 4P
2.92mm Male to Mini SMP Female Adapter
REV 2.2
SM8925 FAIRVIEW-SM8925 Datasheet
517Kb / 4P
2.92mm Female to Mini SMP Male Full Detent Adapter
REV 3.1
SM8929 FAIRVIEW-SM8929 Datasheet
119Kb / 1P
REV FAIRVIEW MICROWAVE INC. ADAPTER MINI SMP/M SB-2.92/F 40GHZ ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM
REV A
More results


Similar Description - SM8927

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91052 PASTERNACK-PE91052 Datasheet
450Kb / 3P
Precision SMA Male to Mini SMP Male Adapter Full Detent
PE91121 PASTERNACK-PE91121 Datasheet
375Kb / 3P
2.4mm Male to Mini SMP Male Adapter Full Detent
PE91122 PASTERNACK-PE91122 Datasheet
262Kb / 3P
2.4mm Female to Mini SMP Male Adapter Full Detent
PE91124 PASTERNACK-PE91124 Datasheet
377Kb / 3P
2.92mm Male to Mini SMP Male Adapter Full Detent
PE91127 PASTERNACK-PE91127 Datasheet
345Kb / 3P
2.92mm Female to Mini SMP Male Adapter Full Detent
PE91129 PASTERNACK-PE91129 Datasheet
376Kb / 3P
SMA Female to Mini SMP Male Adapter Full Detent
PE91299 PASTERNACK-PE91299 Datasheet
355Kb / 3P
SMA Female to Mini SMP Male Full Detent Adapter
PE91302 PASTERNACK-PE91302 Datasheet
330Kb / 3P
SMA Male to Mini SMP Male Full Detent Adapter
PE91309 PASTERNACK-PE91309 Datasheet
327Kb / 3P
SMA Male to SMP Male Full Detent Adapter
PE6182 PASTERNACK-PE6182_16 Datasheet
423Kb / 3P
Mini SMP Female Input Gold Plated Beryllium Copper
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com