Electronic Components Datasheet Search
  English  ▼

X  

AFG31151 Datasheet (PDF) - TEKTRONIX, INC

AFG31151 Datasheet PDF - TEKTRONIX, INC
Part # AFG31151
Download  AFG31151 Download
File Size   2442.33 Kbytes
Page   22 Pages
Manufacturer  KEITHLEY [TEKTRONIX, INC]
Direct Link  https://www.tek.com/en/products/keithley
Logo KEITHLEY - TEKTRONIX, INC
Description Arbitrary Function Generators

AFG31151 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFG31151 Datasheet PDF - TEKTRONIX, INC

Part # AFG31151
Download  AFG31151 Click to download

File Size   2442.33 Kbytes
Page   22 Pages
Manufacturer  KEITHLEY [TEKTRONIX, INC]
Direct Link  https://www.tek.com/en/products/keithley
Logo KEITHLEY - TEKTRONIX, INC
Description Arbitrary Function Generators

AFG31151 Datasheet (HTML) - TEKTRONIX, INC


AFG31151 Product details

Key performance specifications
• 1 or 2 channel models
• Output amplitude range 1 mVP-P to 10`VP-P into 50`Ω loads
• Basic (AFG) mode:
• 25 MHz, 50 MHz, 100 MHz, 150 MHz, or 250 MHz sine
waveforms
• 250 MSa/s, 1 GSa/s or 2 GSa/s sample rates
• 14-bit vertical resolution
• Built-in waveforms include sine, square, ramp, pulse, noise, and
other frequently used waveforms
• Sweep, Burst, and Modulation modes (AM, FM, PM, FSK, and
PWM)
• Advanced (Sequence) mode:
• Continuous mode (optional Sequence, Triggered and Gated
modes)
• 16 Mpts arbitrary waveform memory on each channel (128 Mpts
optional)
• Up to 256 steps in sequence mode with loop, jump and wait
events
• Variable sampling clock 1 µSa/s to 2 GSa/s

Key features
• Patented InstaView™ technology enables engineers to see the
actual waveform at the Device Under Test (DUT) in real time,

without the need of an oscilloscope and probe, eliminating the
uncertainty caused by mismatched impedance
• Sequencing option adds the ability to program long, complex
waveforms with up to 256 steps
• The 9-inch capacitive touch screen works like a smart phone and
has short-cuts to frequently used settings
• Built-in ArbBuilder lets you create and edit arbitrary waveforms on
the instrument, eliminating the need to connect to a PC
• Outputs are protected from over voltage and current to minimize
potential instrument damage
• Built-in Double Pulse Test application to generate voltage pulses
with varying pulse widths onto the DUTs

Applications
• Advanced research
• Clock and system synchronization
• Replication of real world signals
• Component and circuit characterization and validation
• Embedded circuit design and test
• General purpose signal generation
• Double pulse test




Similar Part No. - AFG31151

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
AFG31151 TEKTRONIX-AFG31151 Datasheet
1Mb / 22P
Arbitrary Function Generators
AFG31151 TEKTRONIX-AFG31151 Datasheet
1Mb / 20P
AFG31000 Series Datasheet
13 Nov 2018
More results


Similar Description - AFG31151

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AFG3000C ETC2-AFG3000C Datasheet
342Kb / 8P
Arbitrary Function Generators
logo
Keysight Technologies
81150A KEYSIGHT-81150A Datasheet
3Mb / 36P
Pulse Function Arbitrary Noise Generators
81160A KEYSIGHT-81160A Datasheet
3Mb / 36P
Pulse Function Arbitrary Noise Generators
33521A KEYSIGHT-33521A Datasheet
575Kb / 12P
30 MHz Function/Arbitrary Waveform Generators
logo
List of Unclassifed Man...
4084AWG ETC2-4084AWG Datasheet
1Mb / 2P
Arbitrary/Function Generators
logo
TEKTRONIX, INC.
AFG3000C TEKTRONIX-AFG3000C Datasheet
718Kb / 14P
Arbitrary/Function Generators
AFG31000 TEKTRONIX-AFG31000 Datasheet
1Mb / 22P
Arbitrary Function Generators
logo
B&K Precision Corporati...
4050B BK-4050B Datasheet
2Mb / 5P
Dual Channel Function/Arbitrary Waveform Generators
4060B BK-4060B Datasheet
2Mb / 6P
Dual Channel Function/Arbitrary Waveform Generators
logo
List of Unclassifed Man...
UTG900E ETC-UTG900E Datasheet
323Kb / 1P
UTG900E SERIES FUNCTION/ARBITRARY WAVEFORM GENERATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com