Electronic Components Datasheet Search
  English  ▼

X  

RC38208 Datasheet (PDF) - Renesas Technology Corp

RC38208 Datasheet PDF - Renesas Technology Corp
Part # RC38208
Download  RC38208 Download
File Size   1027.78 Kbytes
Page   42 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock®3 Ultra-low Phase Noise Jitter Attenuator and Clock Generator

RC38208 Datasheet (PDF)

Go To PDF Page Download Datasheet
RC38208 Datasheet PDF - Renesas Technology Corp

Part # RC38208
Download  RC38208 Click to download

File Size   1027.78 Kbytes
Page   42 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock®3 Ultra-low Phase Noise Jitter Attenuator and Clock Generator

RC38208 Datasheet (HTML) - Renesas Technology Corp


RC38208 Product details

▪ Ultra-low phase noise synthesizer with jitter below
25fs RMS, 12kHz to 20MHz with 4MHz HPF
▪ Two independent low phase noise sync domains
▪ Four independent low phase noise frequency domains
▪ Support for JESD204B/C
▪ Time sync block with time to digital converter
(TDC), time of day (TOD) counter, and PTP clocks
▪ 8 clock outputs with independent integer dividers
• 6: LVDS, HCSL (AC-LVPECL) or CML
• 2: LVDS, HCSL (AC-LVPECL) or LVCMOS
▪ Output frequency range:
• CML: DC to 2.5GHz
• LVDS or HCSL: DC to 1GHz
• LVCMOS: DC to 250MHz
▪ Two differential clock inputs configurable as four
single-ended clock inputs
▪ Operates from a 1.8V supply.
▪ Clock inputs tolerate 1.8V input when the device is
powered off, sinking less than 1mA
▪ CLKIN input frequency range: DC to 1GHz
▪ Time Sync TDC supports 1PPS and PP2S inputs
▪ DPLLs comply with ITU-T G.8262 and G.8262.1
▪ DPLL input-to-output phase variation ≤ 100ps
▪ DCO frequency resolution < 10-13
▪ Package: 7 × 7 mm, 64-BGA




Similar Part No. - RC38208

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RC38612 RENESAS-RC38612 Datasheet
2Mb / 99P
Radio Access Network Equipment Synchronizer
April 13, 2022
RC38612 RENESAS-RC38612 Datasheet
2Mb / 99P
Radio Access Network Equipment Synchronizer
October 18, 2023
RC38612ADDDGN2#BB0 RENESAS-RC38612ADDDGN2#BB0 Datasheet
2Mb / 99P
Radio Access Network Equipment Synchronizer
October 18, 2023
RC38612ADDDGN2#HB0 RENESAS-RC38612ADDDGN2#HB0 Datasheet
2Mb / 99P
Radio Access Network Equipment Synchronizer
October 18, 2023
RC38612ADDDGN2#KB0 RENESAS-RC38612ADDDGN2#KB0 Datasheet
2Mb / 99P
Radio Access Network Equipment Synchronizer
October 18, 2023
More results


Similar Description - RC38208

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8V19N472 RENESAS-8V19N472 Datasheet
1Mb / 78P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
November 7, 2017
8V19N474 RENESAS-8V19N474 Datasheet
1Mb / 65P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
May 15, 2018
8V19N490-19 RENESAS-8V19N490-19 Datasheet
1Mb / 79P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
July 27, 2017
8V19N490 RENESAS-8V19N490 Datasheet
1Mb / 84P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
July 26, 2017
8V19N491-36 RENESAS-8V19N491-36 Datasheet
2Mb / 76P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
November 5, 2020
8V19N492 RENESAS-8V19N492 Datasheet
2Mb / 77P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
November 10, 2022
8V41NS0412 RENESAS-8V41NS0412 Datasheet
1Mb / 49P
FemtoClock® NG Ultra Low Jitter HCSL Clock Generator
August 27, 2020
RC32012A RENESAS-RC32012A Datasheet
2Mb / 66P
FemtoClock Jitter Attenuator and Clock Generator
Sep 15, 2022
RC32112A RENESAS-RC32112A Datasheet
2Mb / 65P
FemtoClock Jitter Attenuator and Clock Generator
Oct 3, 2022
RC32508A RENESAS-RC32508A Datasheet
1Mb / 38P
FemtoClock 2 Jitter Attenuator and Clock Generator
Sep 23, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com