Electronic Components Datasheet Search
  English  ▼

X  

D00675 Datasheet (PDF) - Premier Farnell Limited.

D00675 Datasheet PDF - Premier Farnell Limited.
Part # D00675
Download  D00675 Download
File Size   207.47 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description Soldering Station

D00675 Datasheet (PDF)

Go To PDF Page Download Datasheet
D00675 Datasheet PDF - Premier Farnell Limited.

Part # D00675
Download  D00675 Click to download

File Size   207.47 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description Soldering Station

D00675 Datasheet (HTML) - Premier Farnell Limited.


D00675 Product details

Features:
Temperature controlled
The soldering station is an ideal soldering tool for hobbyist or
occasional use
It has the function of regulating temperature, 1°C or 10°C per grade can be regulated using the control buttons
Preset buttons of 200, 300 and 400 are also included
The station can be switched between °C and °F
Contents of station: power unit, soldering iron (with a conical tip), user instructions




Similar Part No. - D00675

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D00670 ETC2-D00670 Datasheet
28Kb / 2P
Temperature Controlled Soldering Station
logo
Premier Farnell Limited...
D00670 DURATOOL-D00670 Datasheet
465Kb / 3P
Soldering Station Temperature Controlled
08/04/15 V1.1
D00673 DURATOOL-D00673 Datasheet
127Kb / 1P
Digital Repair System Soldering Station
12/05/12 V1.1
D00679 DURATOOL-D00679 Datasheet
148Kb / 1P
Fume Absorber
31/10/17 V1.0
More results


Similar Description - D00675

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LBH1035 ETC-LBH1035 Datasheet
187Kb / 16P
Soldering methods : IR reflow soldering
XYB02 ETC2-XYB02 Datasheet
63Kb / 1P
SOLDERING TIPS
SPG40 ETC2-SPG40 Datasheet
68Kb / 1P
Weller Replacement Soldering Iron, 40 watts, for WLC100 Soldering Station
WX2021 ETC2-WX2021 Datasheet
46Kb / 1P
Weller High Powered Digital Soldering Station, 200W, 120 V W/WXMP WXMT
WD1001 ETC2-WD1001 Datasheet
44Kb / 1P
Digital 85W Soldering Station, 120 V
PES51 ETC2-PES51 Datasheet
95Kb / 1P
50 watt Soldering Pencil for WES51 Soldering Station
D00669 ETC2-D00669 Datasheet
28Kb / 2P
Temperature Controlled Soldering Station
logo
MERITEK ELECTRONICS COR...
WL MERITEK-WL Datasheet
1Mb / 15P
Very strong solderability by flow soldering, soldering iron or wave soldering
logo
LUXPIA
LWM1052N2 LUXPIA-LWM1052N2 Datasheet
596Kb / 17P
Soldering methods
logo
List of Unclassifed Man...
WESD51 ETC1-WESD51 Datasheet
114Kb / 1P
Digital Soldering Station; Power Unit, Soldering Pencil, Stand, Sponge
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com