Electronic Components Datasheet Search
  English  ▼

X  

Q1708 Datasheet (PDF) - Vigortronix Ltd

Q1708 Datasheet PDF - Vigortronix Ltd
Part # Q1708
Download  Q1708 Download
File Size   330.19 Kbytes
Page   2 Pages
Manufacturer  VIGORTRONIX [Vigortronix Ltd]
Direct Link  https://www.vigortronix.com/
Logo VIGORTRONIX - Vigortronix Ltd
Description Q1708 DC-DC Converter for Electric Vehicle

Q1708 Datasheet (PDF)

Go To PDF Page Download Datasheet
Q1708 Datasheet PDF - Vigortronix Ltd

Part # Q1708
Download  Q1708 Click to download

File Size   330.19 Kbytes
Page   2 Pages
Manufacturer  VIGORTRONIX [Vigortronix Ltd]
Direct Link  https://www.vigortronix.com/
Logo VIGORTRONIX - Vigortronix Ltd
Description Q1708 DC-DC Converter for Electric Vehicle

Q1708 Datasheet (HTML) - Vigortronix Ltd


Q1708 Product details

Features:
• Full power and stable current output
• Input voltage range of 18-32 Vdc
• 100% waterproof and shockproof protection, ultracompact size and light weight
• Industrial DC24V to DC12V buck converter with efficiency up to 92%
• Certificate: CE/RoHS
• Waterproof grade: IP67
• Cast aluminum shell, epoxy potting, free air convection cooling,
• Protection: overcurrent, overvoltage, overtemperature,
• Overload and short circuit, automatic recovery when the equipment resumes normal operation
• Non-isolated module




Similar Part No. - Q1708

ManufacturerPart #DatasheetDescription
logo
DFI Inc
Q170 DFI-Q170 Datasheet
895Kb / 2P
6th/7th Gen Intel® CoreTM Processor microATX
More results


Similar Description - Q1708

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2048FN TOSHIBA-TA2048FN Datasheet
305Kb / 8P
DC/DC CONVERTER FOR ELECTRIC TUNING (1.5V USE)
TA8126S TOSHIBA-TA8126S Datasheet
401Kb / 10P
DC/DC CONVERTER FOR ELECTRIC TUNING (3V USE)
TA8198F TOSHIBA-TA8198F Datasheet
308Kb / 8P
DC/DC CONVERTER FOR ELECTRIC TUNING (3V USE)
logo
MORNSUN Science& Techno...
LO10-26D0512-04 MORNSUN-LO10-26D0512-04 Datasheet
633Kb / 4P
AC-DC converter for electric meters
LO10-26DX512-04 MORNSUN-LO10-26DX512-04 Datasheet
502Kb / 5P
AC-DC converter for electric meters
LO18-26C0513-03 MORNSUN-LO18-26C0513-03 Datasheet
624Kb / 5P
AC-DC converter for electric meters
logo
Willow Technologies Ltd
DEVR20 WILLOW-DEVR20 Datasheet
765Kb / 4P
Electric Vehicle Contactor
DEVR40 WILLOW-DEVR40 Datasheet
651Kb / 4P
Electric Vehicle Contactor
DEVR10 WILLOW-DEVR10 Datasheet
501Kb / 3P
Electric Vehicle Contactor
DG55M WILLOW-DG55M Datasheet
288Kb / 3P
electric vehicle relay
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com