Electronic Components Datasheet Search
  English  ▼

X  

SM4409 Datasheet (PDF) - Infinite Electronics International, Inc.

SM4409 Datasheet PDF - Infinite Electronics International, Inc.
Part # SM4409
Download  SM4409 Download
File Size   394.6 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description N Male to N Female Adapter IP67 Mated

SM4409 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM4409 Datasheet PDF - Infinite Electronics International, Inc.

Part # SM4409
Download  SM4409 Click to download

File Size   394.6 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description N Male to N Female Adapter IP67 Mated

SM4409 Datasheet (HTML) - Infinite Electronics International, Inc.


SM4409 Product details

Features
• Ingress Protection: IP67 Mated
• Connector 1: N Male
• Impedance 1: 50 Ohms
• Connector 2: N Female
• Impedance 2: 50 Ohms
• Adapter Design: Standard
• Body Style: Straight
• SM4409
• DATA SHEET




Similar Part No. - SM4409

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SM4400 FAIRVIEW-SM4400 Datasheet
500Kb / 3P
7/16 DIN Male (plug) to 7/16 DIN Male (plug) Adapter IP67 Mated, Silver Plated Brass Body, 1.2 VSWR
REV 1.1
SM4401 FAIRVIEW-SM4401 Datasheet
436Kb / 3P
7/16 DIN Male to 7/16 DIN Female Adapter IP67 Mated
REV 1.0
logo
Sinopower Semiconductor...
SM4401PSK SINOPWER-SM4401PSK Datasheet
269Kb / 11P
P-Channel Enhancement Mode MOSFET
SM4401PSKC-TRG SINOPWER-SM4401PSKC-TRG Datasheet
269Kb / 11P
P-Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
SM4401PSKC-TRG VBSEMI-SM4401PSKC-TRG Datasheet
1Mb / 9P
P-Channel 40 V (D-S) MOSFET
More results


Similar Description - SM4409

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91217 PASTERNACK-PE91217 Datasheet
358Kb / 3P
4.1 - 9.5 Mini DIN Male to N Female Adapter IP67 Mated
PE91219 PASTERNACK-PE91219 Datasheet
358Kb / 3P
4.1 - 9.5 Mini DIN Female to N Male Adapter IP67 Mated
PE91211 PASTERNACK-PE91211 Datasheet
358Kb / 3P
7 - 16 DIN Male to N Male Adapter IP67 Mated
PE91212 PASTERNACK-PE91212 Datasheet
356Kb / 3P
7 - 16 DIN Male to N Female Adapter IP67 Mated
PE91213 PASTERNACK-PE91213 Datasheet
355Kb / 3P
7 - 16 DIN Female to N Female Adapter IP67 Mated
PE91214 PASTERNACK-PE91214 Datasheet
357Kb / 3P
7 - 16 DIN Female to N Male Adapter IP67 Mated
PE91198 PASTERNACK-PE91198 Datasheet
355Kb / 3P
N Male to N Male Adapter IP67 Mated
PE91199 PASTERNACK-PE91199 Datasheet
353Kb / 3P
N Male to N Female Adapter IP67 Mated
PE91200 PASTERNACK-PE91200 Datasheet
354Kb / 3P
N Female to N Female Adapter IP67 Mated
PE91201 PASTERNACK-PE91201 Datasheet
336Kb / 3P
Bulkhead N Female to N Female Adapter IP67 Mated
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com