Electronic Components Datasheet Search
  English  ▼

X  

TPSM83101L Datasheet (PDF) - Texas Instruments

TPSM83101L Datasheet PDF - Texas Instruments
Part # TPSM83101L
Download  TPSM83101L Download
File Size   2238.28 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPSM8310xx 1.5A Output Current, Buck-Boost MicroSiP™ Power Module With Integrated Inductor

TPSM83101L Datasheet (PDF)

Go To PDF Page Download Datasheet
TPSM83101L Datasheet PDF - Texas Instruments

Part # TPSM83101L
Download  TPSM83101L Click to download

File Size   2238.28 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPSM8310xx 1.5A Output Current, Buck-Boost MicroSiP™ Power Module With Integrated Inductor

TPSM83101L Datasheet (HTML) - Texas Instruments


TPSM83101L Product details

1 Features
• 1.6V to 5.5V input voltage range
– Device input voltage > 1.65V for start-up
• 1.2V to 5.5V output voltage range
– 1.0V Vout is supported in PFM mode
• High output current capability, 3A peak switch
current
– 1.5A Iout for VIN ≥ 3V, VOUT = 3.3V
– 1.2A Iout for VIN ≥ 2.7V, VOUT = 3.3V
• Active output discharge (TPSM83101,
TPSM83101L only)
• High efficiency over the entire load range
– 8μA typical quiescent current
– Automatic power save mode and forced PWM
mode
• Peak current buck-boost mode architecture
– Seamless mode transition
– Forward and reverse current operation
– Start-up into prebiased outputs
– Fixed-frequency operation with 2MHz switching
• Safety and robust operation features
– Overcurrent protection and short-circuit
protection
– Integrated soft start with active ramp adoption
– Overtemperature protection and overvoltage
protection
– True shutdown function with load disconnection
– Forward and backward current limit
• Small design size
– MicroSiP™ power module with integrated
inductor
– 2.0mm × 2.6mm × 1.2mm(max) 8-pin μSiP
package
• Create a custom design using the TPSM8310xx
device with the WEBENCH® Power Designer

2 Applications
• Voltage stabilizer (datacom, optical modules,
cooling/heating)
• System pre-regulator (smartphone, tablet,
terminal, telematics)
• Point-of-load regulation (wired sensor, port/cable
adapter, and dongle)
• Fingerprint, camera sensors (electronic smart lock,
IP network camera)

3 Description
The TPSM83100, TPSM83101, and TPSM83101L
are constant frequency peak current mode control
buck-boost MicroSiP™ power modules optimized for
small design size and high efficiency. The power
modules integrate an inductor to simplify design,
reduce external components, and save PCB area.
The power modules have a 3A peak current limit
(typical) and 1.6V to 5.5V input voltage range. The
TPSM83100 and TPSM83101, TPSM83101L provide
a power supply design for system pre-regulators and
voltage stabilizers.
Depending on the input voltage, the TPSM83100 and
TPSM83101, TPSM83101L automatically operate in
boost, buck, or in 3-cycle buck-boost mode when the
input voltage is approximately equal to the output
voltage. The transitions between modes happen at
a defined duty cycle and avoid unwanted toggling
within the modes to reduce output voltage ripple. 8μA
quiescent current and power save mode enable the
highest efficiency for light to no-load conditions.




Similar Part No. - TPSM83101L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPSM83101 TI-TPSM83101 Datasheet
2Mb / 24P
TPSM83100 and TPSM83101 1.5-A Output Current, Buck-Boost MicroSiP™ Power Module with Integrated Inductor
MARCH 2023
TPSM83101 TI-TPSM83101 Datasheet
2Mb / 25P
TPSM83100 and TPSM83101 1.5-A Output Current, Buck-Boost MicroSiP™ Power Module with Integrated Inductor
REVISED JUNE 2023
TPSM83101SIUR TI1-TPSM83101SIUR Datasheet
2Mb / 31P
TPSM83102 and TPSM83103 1.2A Output Current Buck-Boost Module
AUGUST 2024
More results


Similar Description - TPSM83101L

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC196 SEMTECH-SC196 Datasheet
657Kb / 18P
1.5A Synchronous Buck Converter with Integrated Power Devices
SC196A SEMTECH-SC196A Datasheet
558Kb / 17P
1.5A Synchronous Buck Converter with Integrated Power Devices
SC196A SEMTECH-SC196A_08 Datasheet
421Kb / 17P
1.5A Synchronous Buck Converter with Integrated Power Devices
logo
Diodes Incorporated
ZXLD1374 DIODES-ZXLD1374_11 Datasheet
844Kb / 37P
60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST
Rev 2
logo
Texas Instruments
TPS92513 TI1-TPS92513 Datasheet
1Mb / 30P
1.5A Buck LED Driver with Integrated Analog Current Adjust
logo
Allegro MicroSystems
A4450 ALLEGRO-A4450 Datasheet
680Kb / 34P
Buck-Boost Controller with Integrated Buck MOSFET
logo
Texas Instruments
TPS82150 TI1-TPS82150 Datasheet
572Kb / 27P
17-V Input 1-A Step-Down Converter MicroSiP Module with Integrated Inductor
logo
Analog Devices
LTM8083 AD-LTM8083 Datasheet
2Mb / 24P
36V, 1.5A Buck-Boost 關Module Regulator
logo
Texas Instruments
TPSM83100 TI-TPSM83100 Datasheet
2Mb / 24P
TPSM83100 and TPSM83101 1.5-A Output Current, Buck-Boost MicroSiP™ Power Module with Integrated Inductor
MARCH 2023
TPSM83100 TI-TPSM83100_V01 Datasheet
2Mb / 25P
TPSM83100 and TPSM83101 1.5-A Output Current, Buck-Boost MicroSiP™ Power Module with Integrated Inductor
REVISED JUNE 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com