Electronic Components Datasheet Search
  English  ▼

X  

TPS25730AS Datasheet (PDF) - Texas Instruments

TPS25730AS Datasheet PDF - Texas Instruments
Part # TPS25730AS
Download  TPS25730AS Download
File Size   3283.09 Kbytes
Page   63 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS25730A USB Type-C® and USB PD Controller With Integrated Power Switches Optimized for Sink Power Applications

TPS25730AS Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS25730AS Datasheet PDF - Texas Instruments

Part # TPS25730AS
Download  TPS25730AS Click to download

File Size   3283.09 Kbytes
Page   63 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS25730A USB Type-C® and USB PD Controller With Integrated Power Switches Optimized for Sink Power Applications

TPS25730AS Datasheet (HTML) - Texas Instruments


TPS25730AS Product details

1 Features
• PD3.2 compatible for sink only applications
– PD3.2 is the latest power delivery specification
from USB-IF
– Article on PD2.0 vs. PD3.0
• Fully configurable single port PD controller
– Optimized for sink only USB Type-C and USB
PD applications
– Complete barrel jack replacement for to USB
Type-C
– Fully configurable with pin strapping
– Industrial temperature range supported
• Fully managed integrated power path
– Integrated overvoltage protection and reverse
current protection
• USB Type-C® Power delivery (PD) controller
– 6 GPIO set functions
– Cable attach and orientation detection
– Integrated dead battery Rd
– Physical layer and policy engine
– 3.3V LDO output for dead battery support
– Power supply from 3.3V or VBUS source
– I2C access for external microcontroller

2 Applications
• Power tools, power banks, retail automation and
payment
• Wireless speakers, headphones
• Other personal electronics and industrial
applications

3 Description
The TPS25730A is a highly integrated stand-alone
USB Type-C and Power Delivery (PD) controller
optimized for applications supporting USB-C PD
Power. The TPS25730A integrates fully managed
power paths with robust protection for a complete
USB-C PD application. The TPS25730A also has the
ability to control an external power path through the
use of internal gate drivers. The TPS25730A is best
suited for sink only applications that have previously
been powered by a barrel jack. Using resistor pin
strapping, a user can implement a fully featured
USB Type-C PD port with the TPS25730A. There
is no need for an external EEPROM, an external
microcontroller, or any type of firmware development.
The TPS25730A is intended to make setting up a sink
only USB Type-C application simple yet robust. A user
has all of the benefits of a barrel jack port, while now
taking advantage of the benefits of USB Type-C and
USB Type-C PD.




Similar Part No. - TPS25730AS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25730AS TI2-TPS25730AS Datasheet
3Mb / 66P
TPS25730A USB Type-C® and USB PD Controller With Integrated Power Switches Optimized for Sink Power Applications
MARCH 2026
TPS25730ASRSMR TI2-TPS25730ASRSMR Datasheet
3Mb / 66P
TPS25730A USB Type-C® and USB PD Controller With Integrated Power Switches Optimized for Sink Power Applications
MARCH 2026
More results


Similar Description - TPS25730AS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65987D TI1-TPS65987D Datasheet
1Mb / 68P
USB Type-C and USB PD Controller with Integrated Power Switches
TPS65987D TI1-TPS65987D_18 Datasheet
2Mb / 73P
USB Type-C and USB PD Controller with Integrated Power Switches
TPS65988 TI1-TPS65988 Datasheet
9Mb / 83P
Dual Port USB Type-C and USB PD Controller with Integrated Power Switches
TPS65987DDJ TI1-TPS65987DDJ Datasheet
2Mb / 72P
USB Type-C and USB PD Controller with Integrated Power Switches
TPS65988DJ TI1-TPS65988DJ Datasheet
9Mb / 82P
Dual Port USB Type-C and USB PD Controller with Integrated Power Switches
TPS25750 TI1-TPS25750 Datasheet
3Mb / 67P
TPS25750 USB Type-C and USB PD Controller with Integrated Power Switches Optimized for Power Applications
TPS65987DDK TI-TPS65987DDK Datasheet
2Mb / 61P
TPS65987DDK USB Type-C and USB PD Controller with Integrated Power Switches For USB4 Devices
TPS25750 TI-TPS25750_V01 Datasheet
3Mb / 74P
TPS25750 USB Type-C짰 and USB PD Controller with Integrated Power Switches Optimized for Power Applications
TPS25751 TI1-TPS25751 Datasheet
3Mb / 89P
TPS25751 USB Type-C® and USB PD Controller with Integrated Power Switches Optimized for Power Applications
OCTOBER 2023
TPS25730 TI1-TPS25730 Datasheet
3Mb / 68P
TPS25730 USB Type-C® and USB PD Controller with Integrated Power Switches Optimized for Power Applications
OCTOBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com