Electronic Components Datasheet Search
  English  ▼

X  

SD202/63 Datasheet (PDF) - ABB

SD202/63 Datasheet PDF - ABB
Part # SD202/63
Download  SD202/63 Download
File Size   96.58 Kbytes
Page   4 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description SD202/63 Switch Disconnector 2P, 63A

SD202/63 Datasheet (PDF)

Go To PDF Page Download Datasheet
SD202/63 Datasheet PDF - ABB

Part # SD202/63
Download  SD202/63 Click to download

File Size   96.58 Kbytes
Page   4 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description SD202/63 Switch Disconnector 2P, 63A

SD202/63 Datasheet (HTML) - ABB


SD202/63 Product details

Extended Product Type SD202/63
Product ID 2CDD282101R0063
EAN 4016779904179
Catalog Description SD202/63 Switch Disconnector 2P, 63A
Long Description SD202/63 Switch Disconnector 2P, 63A
General Information




Similar Part No. - SD202/63

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD2022-2-9 WINCHESTER-SD2022-2-9 Datasheet
50Kb / 1P
JACK, BULKHEAD, 75 OHM BNC
SD2022-28-9 WINCHESTER-SD2022-28-9 Datasheet
64Kb / 1P
JACK, BULKHEAD, 75~W BNC, F
SD2025-44-9 WINCHESTER-SD2025-44-9 Datasheet
76Kb / 1P
75 OHM BNC PLUG
SD2025-76-9 WINCHESTER-SD2025-76-9 Datasheet
49Kb / 1P
PLUG, 75~W BNC, M
SD2029-15-9 WINCHESTER-SD2029-15-9 Datasheet
48Kb / 1P
ADPT, F-F, 75 BNC-75 BNC
More results


Similar Description - SD202/63

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VVD3 SCHNEIDER-VVD3 Datasheet
157Kb / 3P
TeSys Vario - switch disconnector - 63 A - back of enclosure
Jul 12, 2021
VCF4GE SCHNEIDER-VCF4GE Datasheet
117Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 63A, IP65
Jul 12, 2021
VC4GUN SCHNEIDER-VC4GUN Datasheet
141Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 63A, UL/CSA
Jul 12, 2021
VBF4GE SCHNEIDER-VBF4GE Datasheet
132Kb / 3P
TeSys Vario enclosed, main switch disconnector, 63A, IP65
Jul 12, 2021
VBF3 SCHNEIDER-VBF3 Datasheet
144Kb / 3P
TeSys Vario - switch disconnector - 63 A - on door
Jul 12, 2021
VBF3 SCHNEIDER-VBF3_V01 Datasheet
158Kb / 3P
TeSys Vario - switch disconnector - 63 A - on door
Jun 13, 2022
VBF4GE SCHNEIDER-VBF4GE_V01 Datasheet
145Kb / 3P
TeSys Vario enclosed, main switch disconnector, 63A, IP65
Jun 13, 2022
VC4GUN SCHNEIDER-VC4GUN_V01 Datasheet
157Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 63A, UL/CSA
Jun 12, 2022
VCF4GE SCHNEIDER-VCF4GE_V01 Datasheet
130Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 63A, IP65
Jun 13, 2022
VVD3 SCHNEIDER-VVD3_V01 Datasheet
171Kb / 3P
TeSys Vario - switch disconnector - 63 A - back of enclosure
Jun 13, 2022
More results




About ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com