Electronic Components Datasheet Search
  English  ▼

X  

9FGL6251AP202NDGI Datasheet (PDF) - Renesas Technology Corp

9FGL6251AP202NDGI Datasheet PDF - Renesas Technology Corp
Part # 9FGL6251AP202NDGI
Download  9FGL6251AP202NDGI Download
File Size   567.98 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Intelligent PCIe Clock Buffer/Generator for nVME

9FGL6251AP202NDGI Datasheet (PDF)

Go To PDF Page Download Datasheet
9FGL6251AP202NDGI Datasheet PDF - Renesas Technology Corp

Part # 9FGL6251AP202NDGI
Download  9FGL6251AP202NDGI Click to download

File Size   567.98 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Intelligent PCIe Clock Buffer/Generator for nVME

9FGL6251AP202NDGI Datasheet (HTML) - Renesas Technology Corp


9FGL6251AP202NDGI Product details

▪ Automatically detects presence or absence of input clocks
▪ Integrated terminations on LP-HCSL outputs save 8 resistors
▪ 201, 301 configurations for SRnS (IR) or CC architectures
default to 0% SSC
▪ 202, 302 configurations for SRIS (IR) or CC architectures
default to -0.5% SSC
• SMBus-selectable -0.25% SSC
▪ Choice of 25MHz or 33 1/3MHz reference clock
▪ REF clock output; saves external XO
▪ 2.5V to 3.3V operating voltage (VDDREF is 1.8V)
▪ 4 × 4 mm 28-VQFP-N package with external crystal
▪ 4 × 4 mm 28-LGA package with optional internal crystal
▪ Contact factory for other configurations




Similar Part No. - 9FGL6251AP202NDGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGL6251AP202NDGI IDT-9FGL6251AP202NDGI Datasheet
536Kb / 28P
Intelligent PCIe Clock Buffer/Generator for SSD
logo
Renesas Technology Corp
9FGL6251AP202NDGI RENESAS-9FGL6251AP202NDGI Datasheet
568Kb / 24P
Intelligent PCIe Clock Buffer/Generator for nVME
November 9, 2018
logo
Integrated Device Techn...
9FGL6251AP202NDGI8 IDT-9FGL6251AP202NDGI8 Datasheet
536Kb / 28P
Intelligent PCIe Clock Buffer/Generator for SSD
logo
Renesas Technology Corp
9FGL6251AP202NDGI8 RENESAS-9FGL6251AP202NDGI8 Datasheet
568Kb / 24P
Intelligent PCIe Clock Buffer/Generator for nVME
November 9, 2018
More results


Similar Description - 9FGL6251AP202NDGI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCS501 TI-CDCS501 Datasheet
309Kb / 10P
SSC Clock Generator/Buffer
logo
ON Semiconductor
NB3N51054 ONSEMI-NB3N51054 Datasheet
165Kb / 15P
LVDS PCIe Clock Generator
May, 2015 ??Rev. 2
logo
Pericom Semiconductor C...
PI6C49004A PERICOM-PI6C49004A Datasheet
730Kb / 13P
PCIe Gen 2 Networking Clock Generator
logo
Integrated Device Techn...
9FGL02 IDT-9FGL02_16 Datasheet
370Kb / 19P
2-output 3.3V PCIe Clock Generator
9FGL04 IDT-9FGL04_16 Datasheet
313Kb / 18P
4-output 3.3V PCIe Clock Generator
9FGL06 IDT-9FGL06_16 Datasheet
326Kb / 19P
6-output 3.3V PCIe Clock Generator
9FGL08 IDT-9FGL08_16 Datasheet
402Kb / 19P
8-output 3.3V PCIe Clock Generator
logo
ON Semiconductor
NB3N51054 ONSEMI-NB3N51054_18 Datasheet
164Kb / 15P
Quad HCSL/LVDS PCIe Clock Generator
May, 2018 ??Rev. 5
logo
Integrated Device Techn...
9FGL6241 IDT-9FGL6241 Datasheet
536Kb / 28P
Intelligent PCIe Clock Buffer/Generator for SSD
logo
Renesas Technology Corp
9SQ445 RENESAS-9SQ445 Datasheet
904Kb / 31P
CK440Q Lite PCIe Gen6 Clock Generator
February 14, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com