Electronic Components Datasheet Search
  English  ▼

X  

CP-E 5/3.0 Datasheet (PDF) - ABB

CP-E 5/3.0 Datasheet PDF - ABB
Part # CP-E 5/3.0
Download  CP-E 5/3.0 Download
File Size   51.64 Kbytes
Page   3 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description CP-E 5/3.0 Power supply In:100-240VAC Out: 5VDC/3.0A

CP-E 5/3.0 Datasheet (PDF)

Go To PDF Page Download Datasheet
CP-E 5/3.0 Datasheet PDF - ABB

Part # CP-E 5/3.0
Download  CP-E 5/3.0 Click to download

File Size   51.64 Kbytes
Page   3 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description CP-E 5/3.0 Power supply In:100-240VAC Out: 5VDC/3.0A

CP-E 5/3.0 Datasheet (HTML) - ABB


CP-E 5/3.0 Product details

Extended Product Type:
Product ID:
EAN:
Catalog Description:
Long Description:
General Information
CP-E 5/3.0
1SVR427033R3000
4016779656894
CP-E 5/3.0 Power supply In:100-240VAC Out: 5VDC/3.0A
The CP-E 5/3.0 is a power supply from the CP-E range. The primary switch mode power
supply offers a wide range input of 90-264 V AC and 120-375 V DC, rated input voltage is
100-240 V AC. The rated output power is 15 W, rated output current is 3.0 A at an output
voltage of 5 V DC. The output voltage is adjustable within a range of 4.5 to 5.75 V DC. The
output characteristic is hiccup-mode. The power supply allows parallel operation to enable
redundancy. A redundancy unit is available as accessory.




Similar Part No. - CP-E 5/3.0

ManufacturerPart #DatasheetDescription
logo
ABB
CP-E 12/10.0 ABB-CP-E 12/10.0 Datasheet
719Kb / 11P
Power supply CP-E 12/10.0 Primary switch mode power supply
08/2016
CP-E 12/2.5 ABB-CP-E 12/2.5 Datasheet
570Kb / 11P
Power supply CP-E 12/2.5 Primary switch mode power supply
08/2016
CP-E 24/0.75 ABB-CP-E 24/0.75 Datasheet
51Kb / 3P
CP-E 24/0.75 Power supply In:100-240VAC Out: 24VDC/0.75A
CP-E 24/10.0 ABB-CP-E 24/10.0 Datasheet
718Kb / 11P
Power supply CP-E 24/10.0 Primary switch mode power supply
08/2016
CP-E 24/2.5 ABB-CP-E 24/2.5 Datasheet
53Kb / 3P
CP-E 24/2.5 Power supply In:100-240VAC Out: 24VDC/2.5A
More results


Similar Description - CP-E 5/3.0

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
MSMPS104 ADL-MSMPS104 Datasheet
185Kb / 1P
Power Supply, 15-28VDC in, 5V 10A out, 12V 1.5A out
MSMPS104A ADL-MSMPS104A Datasheet
188Kb / 1P
Power Supply, 8-20VDC in, 5V 10A out, 12V 1A out
MSMPS104B ADL-MSMPS104B Datasheet
188Kb / 1P
Power Supply, 20-55VDC in, 5V 10A out, 12V 1A out
logo
LinkCom Manufacturing C...
PLCCS0040142 LINKCOM-PLCCS0040142 Datasheet
73Kb / 2P
AC Input 100-240Vac
PLKBPHE010C351 LINKCOM-PLKBPHE010C351 Datasheet
247Kb / 2P
AC Input 100-240Vac
logo
Schneider Electric
AP7750A SCHNEIDER-AP7750A Datasheet
82Kb / 2P
Rack ATS, 100-120V, 15A, 5-15P In, (10) 5-15R Out
Oct 17, 2021
logo
PHOENIX CONTACT
2800275 PHOENIX-2800275 Datasheet
69Kb / 4P
Uninterruptible power supply - UPS-CP-2KVA/240AC
11/05/2018
logo
Advantech Co., Ltd.
BB-PS-WDS ADVANTECH-BB-PS-WDS Datasheet
353Kb / 1P
5VDC, 3A, 15W Switching Power Supply
BB-SDI18-5-U-P5 ADVANTECH-BB-SDI18-5-U-P5 Datasheet
552Kb / 2P
5Vdc, 3A, 15W Power Supply
logo
NHP Electrical Engineer...
2080-PS120-240VAC NHP-2080-PS120-240VAC Datasheet
584Kb / 1P
M800 POWER SUPPLY 110-240VAC TO 24VDC 1.6A
6 June 2023,
More results




About ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com