Electronic Components Datasheet Search
  English  ▼

X  

RP115X Datasheet (PDF) - Nisshinbo Micro Devices Inc.

RP115X Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # RP115X
Download  RP115X Download
File Size   1260.25 Kbytes
Page   41 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description Low On Resistance/ Low Voltage 1 Ch 500 mA/ 1.0 A Alternative LDO

RP115X Datasheet (PDF)

Go To PDF Page Download Datasheet
RP115X Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # RP115X
Download  RP115X Click to download

File Size   1260.25 Kbytes
Page   41 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description Low On Resistance/ Low Voltage 1 Ch 500 mA/ 1.0 A Alternative LDO

RP115X Datasheet (HTML) - Nisshinbo Micro Devices Inc.


RP115X Product details

FEATURES
• Supply Current ··········································Typ. 110 μA
• Supply Current (Standby Mode) ····················Typ. 0.5 μA
• Dropout Voltage ·········································Typ. 0.195 V (DFN1216-8: IOUT = 1.0 A, VSET = 1.2 V)
Typ. 0.235 V (SOT-89-5: IOUT = 1.0 A, VSET = 1.2 V)
• Ripple Rejection·········································Typ. 80 dB (f = 1 kHz, VSET ≤ 1.8 V)
Typ. 75 dB (f = 1 kHz, VSET > 1.8 V)
• Output Voltage Accuracy······························1.0% (VSET ≥ 1.75 V)
• Output Voltage Temperature Coefficient ··········Typ. 30 ppm/ ºC (VSET ≥ 1.75 V)
• Line Regulation··········································Typ. 0.02%/V
• Package···················································DFN1216-8, SOT-89-5
• Output Voltage Range ·································0.7 V to 4.3 V with a 0.1-V step(1)
• Built-in Short Current Limit Circuit ··················Typ. 60 mA (DFN1216-8: LCON = "L")
• Built-in Peak Current Limit
• Built-in Thermal Shutdown Circuit ··················Thermal Shutdown Temperature: 165ºC
• Built-in Constant Slope Circuit for Start-up
• Built-in Inrush Current Suppression Circuit·······Typ. 300 mA (DFN1216-8: LCON = "L")
• Reverse Current Protection
• Recommended Ceramic Capacitors ···············1.0 μF or more




Similar Part No. - RP115X

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
RP115X-Y NISSHINBO-RP115X-Y Datasheet
2Mb / 36P
Low On Resistance/ Low Voltage 1 Ch 500 mA/ 1.0 A Alternative LDO for Industrial Applications
More results


Similar Description - RP115X

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
209Kb / 12P
500 mA, Low-Noise LDO Voltage Regulator
logo
Microchip Technology
MCP1725 MICROCHIP-MCP1725 Datasheet
1Mb / 32P
500 mA, Low Voltage, Low Quiescent Current LDO Regulator
2006
logo
RICOH electronics devic...
R1173H081B RICOH-R1173H081B Datasheet
656Kb / 33P
Super low on resistance/Low voltage LDO
R1172N081A RICOH-R1172N081A Datasheet
838Kb / 36P
SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
logo
Microchip Technology
MCP1725 MICROCHIP-MCP1725_08 Datasheet
581Kb / 32P
500 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
logo
RICOH electronics devic...
R1172N081 RICOH-R1172N081_17 Datasheet
446Kb / 25P
SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
April 1, 2012
R1172 RICOH-R1172 Datasheet
446Kb / 25P
SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
April 1, 2012
R1173 RICOH-R1173 Datasheet
546Kb / 26P
Super low on resistance/Low voltage LDO
April 1, 2012
logo
Nisshinbo Micro Devices...
R1172X NISSHINBO-R1172X Datasheet
519Kb / 25P
SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
R1173X NISSHINBO-R1173X Datasheet
1Mb / 38P
Super low on resistance/Low voltage LDO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com