Electronic Components Datasheet Search
  English  ▼

X  

RP107K121B Datasheet (PDF) - Nisshinbo Micro Devices Inc.

RP107K121B Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # RP107K121B
Download  RP107K121B Download
File Size   2469.71 Kbytes
Page   39 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description OUTPUT CAPACITOR-LESS/LOW VOLTAGE 200mA LDO REGULATOR

RP107K121B Datasheet (PDF)

Go To PDF Page Download Datasheet
RP107K121B Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # RP107K121B
Download  RP107K121B Click to download

File Size   2469.71 Kbytes
Page   39 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description OUTPUT CAPACITOR-LESS/LOW VOLTAGE 200mA LDO REGULATOR

RP107K121B Datasheet (HTML) - Nisshinbo Micro Devices Inc.


RP107K121B Product details

FEATURES
• Supply Current .............................................................Typ. 9.5μA
• Standby Mode ..............................................................Typ. 0.1μA
• Dropout Voltage............................................................Typ. 0.27V (IOUT=200mA, VOUT=3.0V)
• Ripple Rejection ...........................................................Typ. 70dB (f=1kHz, VOUT≤1.2V)
Typ. 65dB (f=1kHz, 1.2VTyp. 60dB (f=1kHz, VOUT≥2.2V)
• Temperature-Drift Coefficient of Output Voltage ..........Typ. ±100ppm/°C
• Line Regulation ............................................................Typ. 0.02%/V
• Output Voltage Accuracy..............................................±1.0%
• Packages......................................................................WLCSP-4-P5, DFN(PL)1212-6, SC-88A, SOT-23-5
• Input Voltage Range.....................................................1.4V to 5.25V
• Output Voltage Range..................................................1.0V to 4.2V (0.1V steps)
(For other voltages, please refer to MARK INFORMATIONS.)
• Built-in Fold Back Protection Circuit.............................Typ. 50mA (Current at short mode)
• Output capacitor free and noise bypass capacitor free




Similar Part No. - RP107K121B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP107K121B-TR RICOH-RP107K121B-TR Datasheet
1Mb / 40P
Supply Current Typ. 9.5uA
April 1, 2012
More results


Similar Description - RP107K121B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9168 ETC-RT9168 Datasheet
236Kb / 13P
200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Richtek Technology Corp...
RT9168 RICHTEK-RT9168 Datasheet
155Kb / 11P
200mA/500mA Fixed Output Voltage LDO Regulator
logo
Torex Semiconductor
XC6501 TOREX-XC6501 Datasheet
497Kb / 21P
Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501 TOREX-XC6501_1 Datasheet
527Kb / 21P
Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
logo
Unisonic Technologies
LR9200 UTC-LR9200 Datasheet
270Kb / 7P
LOW NOISE 200mA LDO REGULATOR
logo
Asahi Kasei Microsystem...
AP1150ADS33 AKM-AP1150ADS33 Datasheet
720Kb / 20P
14V Input / 200mA Output LDO Regulator
AP1150ADS50 AKM-AP1150ADS50 Datasheet
720Kb / 20P
14V Input / 200mA Output LDO Regulator
AP1150 AKM-AP1150 Datasheet
964Kb / 28P
200mA Output,High PSRR,Low Noise LDO Regulator Fixed Output Voltage Type
AP1151 AKM-AP1151 Datasheet
968Kb / 29P
200mA Output,High PSRR,Low Noise LDO Regulator Adjustable Output Voltage Type
logo
Unisonic Technologies
LR9107 UTC-LR9107 Datasheet
214Kb / 5P
OUTPUT CAPACITOR-LESS LOW VOLTAGE 200mA LDO REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com