Electronic Components Datasheet Search
  English  ▼

X  

X9251 Datasheet (PDF) - Renesas Technology Corp

X9251 Datasheet PDF - Renesas Technology Corp
Part # X9251
Download  X9251 Download
File Size   989.26 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single Supply/Low Power/256-Tap/SPI Bus, Quad Digitally-Controlled (XDCP™) Potentiometer

X9251 Datasheet (PDF)

Go To PDF Page Download Datasheet
X9251 Datasheet PDF - Renesas Technology Corp

Part # X9251
Download  X9251 Click to download

File Size   989.26 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single Supply/Low Power/256-Tap/SPI Bus, Quad Digitally-Controlled (XDCP™) Potentiometer

X9251 Datasheet (HTML) - Renesas Technology Corp


X9251 Product details

• Four potentiometers in one package
• 256 resistor taps–0.4% resolution
• SPI serial interface for write, read, and transfer operations of
the potentiometer
• Wiper resistance: 100Ω typical at VCC = 5V
• 4 Nonvolatile data registers for each potentiometer
• Nonvolatile storage of multiple wiper positions
• Standby current <5μA max
• VCC: 2.7V to 5.5V operation
• 50kΩ version of total resistance
• 100 year data retention
• Single supply version of X9250
• Endurance: 100,000 data changes per bit per register
• 24 Ld TSSOP
• Low power CMOS
• Pb-free (RoHS compliant)




Similar Part No. - X9251

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9251 XICOR-X9251 Datasheet
549Kb / 25P
Quad Digitally-Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9251 INTERSIL-X9251 Datasheet
354Kb / 22P
Single Supply/Low Power/256-Tap/SPI Bus
September 14, 2005
X9251 INTERSIL-X9251 Datasheet
331Kb / 20P
Quad Digitally-Controlled (XDCP?? Potentiometer
April 13, 2007
X9251 INTERSIL-X9251 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
X9251 RENESAS-X9251 Datasheet
849Kb / 21P
Single Supply/Low Power/256-Tap/SPI Bus, Quad Digitally-Controlled (XDCP??Potentiometer
More results


Similar Description - X9251

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL23345 INTERSIL-ISL23345 Datasheet
881Kb / 19P
Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
June 21, 2011
ISL23445 INTERSIL-ISL23445 Datasheet
923Kb / 20P
Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
June 21, 2011
X9251US24Z INTERSIL-X9251US24Z Datasheet
438Kb / 21P
Single Supply/Low Power/256-Tap/SPI Bus, Quad Digitally-Controlled Potentiometer
December 3, 2014
logo
Renesas Technology Corp
X9110 RENESAS-X9110 Datasheet
774Kb / 18P
Dual Supply/Low Power/1024-Tap/SPI Bus, Single Digitally-Controlled (XDCP?? Potentiometer
X9111 RENESAS-X9111 Datasheet
805Kb / 19P
Single Supply/Low Power/1024-Tap/SPI Bus/Single Digitally-Controlled (XDCP?? Potentiometer
X9251 RENESAS-X9251 Datasheet
849Kb / 21P
Single Supply/Low Power/256-Tap/SPI Bus, Quad Digitally-Controlled (XDCP??Potentiometer
X9271 RENESAS-X9271 Datasheet
791Kb / 19P
Single Supply/Low Power/256-Tap/SPI Bus Single, Digitally Controlled (XDCP?? Potentiometer
X9401 RENESAS-X9401 Datasheet
827Kb / 20P
Low Noise/Low Power/SPI Bus Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP??
ISL23345 RENESAS-ISL23345 Datasheet
1Mb / 19P
Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
June 21, 2011
ISL23445 RENESAS-ISL23445 Datasheet
1Mb / 20P
Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
June 21, 2011
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com