Electronic Components Datasheet Search
  English  ▼

X  

TPS7A03 Datasheet (PDF) - Texas Instruments

TPS7A03 Datasheet PDF - Texas Instruments
Part # TPS7A03
Download  TPS7A03 Download
File Size   3245.39 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response

TPS7A03 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS7A03 Datasheet PDF - Texas Instruments

Part # TPS7A03
Download  TPS7A03 Click to download

File Size   3245.39 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response

TPS7A03 Datasheet (HTML) - Texas Instruments


TPS7A03 Product details

1 Features
• Ultra-low IQ: 200 nA (typ), even in dropout
• Shutdown IQ: 3 nA (typ)
• Excellent transient response (1 mA to 50 mA)
– < 10-μs settling time
– 80-mV undershoot
• Packages:
– 1.0-mm × 1.0-mm X2SON
– SOT23-5
– 0.64-mm × 0.64-mm DSBGA
• Input voltage range: 1.5 V to 6.0 V
• Output voltage range: 0.8 V to 5.0 V (fixed)
• Output accuracy: 1.5% over temperature
• Smart enable pulldown
• Very low dropout:
– 270 mV (max) at 200 mA (VOUT = 3.3 V)
• Stable with a 1-μF or larger capacitor

2 Applications
• Wearables electronics
• Thermostats, smoke and heat detectors
• Gas, heat, and water meters
• Blood glucose monitors and pulse oximeters
• Residential circuit breakers and fault indicators
• Building security and video surveillance devices
• EPOS card readers

3 Description
The TPS7A03 is an ultra-small, ultra-low quiescent
current low-dropout linear regulator (LDO) that can
source 200 mA with excellent transient performance.
The TPS7A03, with an ultra-low IQ of 200 nA, is
designed specifically for applications where very-low
quiescent current is a critical parameter. This device
maintains low IQ consumption even in dropout mode
to further increase battery life. When in shutdown or
disabled mode, the device consumes ultra-low,
3-nA IQ that helps increase the shelf life of the battery.
The TPS7A03 has an output range of 0.8 V to 5.0
V available in 50-mV steps to support the lower core
voltages of modern microcontrollers (MCUs).
The TPS7A03 features a smart enable circuit with an
internally controlled pulldown resistor that keeps the
LDO disabled even when the EN pin is left floating
and helps minimize the external components used to
pulldown the EN pin. This circuit also helps minimize
the current drawn through the external pulldown
circuit when the device is enabled.
The TPS7A03 is fully specified for TJ = –40°C to
+125°C operation.




Similar Part No. - TPS7A03

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A03 TI1-TPS7A03 Datasheet
284Kb / 22P
TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A03 TI1-TPS7A03 Datasheet
285Kb / 22P
TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A03 TI1-TPS7A03 Datasheet
469Kb / 25P
TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A03 TI1-TPS7A03 Datasheet
2Mb / 41P
TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A03 TI1-TPS7A03 Datasheet
2Mb / 42P
TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
More results


Similar Description - TPS7A03

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A03 TI1-TPS7A03 Datasheet
284Kb / 22P
TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A03 TI1-TPS7A03_V01 Datasheet
285Kb / 22P
TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A03 TI1-TPS7A03_V02 Datasheet
469Kb / 25P
TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A03 TI1-TPS7A03_V03 Datasheet
2Mb / 41P
TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A03 TI1-TPS7A03_V04 Datasheet
2Mb / 42P
TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A03 TI1-TPS7A03_V05 Datasheet
2Mb / 42P
TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A03 TI-TPS7A03_V06 Datasheet
2Mb / 43P
TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A03 TI-TPS7A03_V07 Datasheet
2Mb / 44P
TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A03 TI-TPS7A03_V08 Datasheet
3Mb / 45P
TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A03 TI1-TPS7A03_V11 Datasheet
3Mb / 50P
TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
REVISED SEPTEMBER 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com