Electronic Components Datasheet Search
  English  ▼

X  

ISLA216P13 Datasheet (PDF) - Renesas Technology Corp

ISLA216P13 Datasheet PDF - Renesas Technology Corp
Part # ISLA216P13
Download  ISLA216P13 Download
File Size   1722.93 Kbytes
Page   37 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 12-Bit, 250MSPS/200MSPS/130MSPS ADC

ISLA216P13 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISLA216P13 Datasheet PDF - Renesas Technology Corp

Part # ISLA216P13
Download  ISLA216P13 Click to download

File Size   1722.93 Kbytes
Page   37 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 12-Bit, 250MSPS/200MSPS/130MSPS ADC

ISLA216P13 Datasheet (HTML) - Renesas Technology Corp


ISLA216P13 Product details

• Single Supply 1.8V Operation
• Clock Duty Cycle Stabilizer
• 75fs Clock Jitter
• 700MHz Bandwidth
• Programmable Built-in Test Patterns
• Multi-ADC Support
- SPI Programmable Fine Gain and Offset Control
- Support for Multiple ADC Synchronization
- Optimized Output Timing
• Nap and Sleep Modes
- 200μs Sleep Wake-up Time
• Data Output Clock
• SDR/DDR LVDS-Compatible or LVCMOS Outputs
• Selectable Clock Divider




Similar Part No. - ISLA216P13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISLA216P13 INTERSIL-ISLA216P13 Datasheet
1Mb / 32P
16-Bit, 250MSPS/200MSPS/130MSPS ADC
January 13, 2011
ISLA216P13 INTERSIL-ISLA216P13 Datasheet
1Mb / 37P
14-Bit, 500MSPS ADC Programmable Built-in Test Patterns
March 15, 2011
ISLA216P13 INTERSIL-ISLA216P13 Datasheet
1Mb / 38P
12-Bit, 500MSPS ADC Programmable Built-in Test Patterns
ISLA216P13 INTERSIL-ISLA216P13 Datasheet
963Kb / 34P
High Performance 14-Bit, 125MSPS ADC
June 27, 2012
ISLA216P13 INTERSIL-ISLA216P13 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
More results


Similar Description - ISLA216P13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISLA216P INTERSIL-ISLA216P Datasheet
1Mb / 32P
16-Bit, 250MSPS/200MSPS/130MSPS ADC
January 13, 2011
ISLA212P INTERSIL-ISLA212P Datasheet
1Mb / 35P
12-Bit, 250MSPS/200MSPS/130MSPS ADC
May 11, 2011
ISLA216P_1104 INTERSIL-ISLA216P_1104 Datasheet
1Mb / 33P
16-Bit, 250MSPS/200MSPS/130MSPS ADC
April 15, 2011
ISLA222P INTERSIL-ISLA222P Datasheet
943Kb / 33P
Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
June 17, 2011
ISLA214P13IRZ INTERSIL-ISLA214P13IRZ Datasheet
1Mb / 35P
14-Bit, 250MSPS/200MSPS/130MSPS ADC
December 5, 2012
ISLA216P13IRZ INTERSIL-ISLA216P13IRZ Datasheet
1,010Kb / 35P
16-Bit, 250MSPS/200MSPS/130MSPS ADC
December 10, 2012
logo
Renesas Technology Corp
ISLA212P RENESAS-ISLA212P Datasheet
1Mb / 36P
12-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA214P RENESAS-ISLA214P Datasheet
1Mb / 35P
14-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA216P RENESAS-ISLA216P Datasheet
1Mb / 35P
16-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA222P RENESAS-ISLA222P Datasheet
1Mb / 33P
Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com