Electronic Components Datasheet Search
  English  ▼

X  

UM6512C Datasheet (PDF) - UMC Corporation

UM6512C Datasheet PDF - UMC Corporation
Part # UM6512C
Download  UM6512C Download
File Size   501.93 Kbytes
Page   11 Pages
Manufacturer  UMC [UMC Corporation]
Direct Link  http://www.umc.com
Logo UMC - UMC Corporation
Description 8-Bit Microprocessors

UM6512C Datasheet (PDF)

Go To PDF Page Download Datasheet
UM6512C Datasheet PDF - UMC Corporation

Part # UM6512C
Download  UM6512C Click to download

File Size   501.93 Kbytes
Page   11 Pages
Manufacturer  UMC [UMC Corporation]
Direct Link  http://www.umc.com
Logo UMC - UMC Corporation
Description 8-Bit Microprocessors

UM6512C Datasheet (HTML) - UMC Corporation


UM6512C Product details

Features
• Single 5V ± 5% power supply
• N channel, silicon gate, depletion load technology
• 56 instructions
• Decimal and binary arithmetic
• Thirteen addressing modes
• True indexing capability
• Programmable stack pointer
• Variable length stack
• Interrupt capability
• Non-maskable interrupt
• Bi-directional data bus
• Addressable memory range of up to 64K bytes
• "Ready" input
• Direct memory access capabilitv
• Bus compatible with MC6800
• Choice of external or on-board clocks
• 1 MHz, 2MHz, 3MHz and 4MHl versions
• On-chip clock options
-External single clock input
-Crystal time base input
• Pipeline architecture

General Description
The UM6502/UM6507/UM6512 microprocessors are totally
software compatible with one another. These products
provide a selection of addressable memory range, interrupt
input options and on-chip clock oscillators and drivers.
The UM6502/UM6507 on-chip clock versions are aimed
at high performance, low cost applications where single
phase inputs or crystals provide the time base. The
UM6512 external clock version is geared for the multiprocessor
system applications where maximum timing
control is mandatory. These products are bus compatible
with the MC6800 product offering.




Similar Part No. - UM6512C

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM6501 UNIONSEMI-UM6501 Datasheet
402Kb / 12P
Multi-line ESD/EMI Protections for Signal Lines
logo
UMC Corporation
UM6522 UMC-UM6522 Datasheet
1Mb / 17P
VERSATILE INTERFACE ADAPTER
UM6522A UMC-UM6522A Datasheet
1Mb / 17P
VERSATILE INTERFACE ADAPTER
UM6522A UMC-UM6522A Datasheet
791Kb / 17P
Versatile Interface Adapter (VIA)
UM6551 UMC-UM6551 Datasheet
515Kb / 9P
ON CHIP BAUD RATE GENERATOR
More results


Similar Description - UM6512C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1802A INTERSIL-CDP1802A Datasheet
115Kb / 27P
CMOS 8-Bit Microprocessors
March 1997
logo
Intel Corporation
8085AH INTEL-8085AH Datasheet
664Kb / 20P
8 BIT HMOS MICROPROCESSORS
D8085AH INTEL-D8085AH Datasheet
1Mb / 20P
8-BIT HMOS MICROPROCESSORS
logo
NEC
UPD70008 NEC-UPD70008 Datasheet
1Mb / 27P
8-BIT CMOS MICROPROCESSORS
logo
Intersil Corporation
CDP1802A INTERSIL-CDP1802A_1 Datasheet
240Kb / 28P
CMOS 8-Bit Microprocessors
March 1997
logo
Freescale Semiconductor...
MC68000UM FREESCALE-MC68000UM Datasheet
1Mb / 189P
8-/16-/32-Bit Microprocessors User?셲 Manual
MC68HC000RC12 FREESCALE-MC68HC000RC12 Datasheet
1Mb / 189P
8-/16-/32-Bit Microprocessors User?셲 Manual
MC68HC000RC10 FREESCALE-MC68HC000RC10 Datasheet
1Mb / 189P
8-/16-/32-Bit Microprocessors User Manual
logo
Motorola, Inc
MC68HC000EI8 MOTOROLA-MC68HC000EI8 Datasheet
1Mb / 189P
8-/16-/32-Bit Microprocessors User?셲 Manual
logo
3M Electronics
8085AH 3M-8085AH Datasheet
1Mb / 21P
8-BIT HMOS MICROPROCESSORS
Rev C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com