Electronic Components Datasheet Search
  English  ▼

X  

CD4049UBEE4 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
CD4049UBEE4 Datasheet PDF - Texas Instruments
Part # CD4049UBEE4
Download  CD4049UBEE4 Download
File Size   2370.08 Kbytes
Page   35 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description CD4049UB and CD4050B CMOS Hex Inverting Buffer and Converter

CD4049UBEE4 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4049UBEE4 Datasheet PDF - Texas Instruments

Part # CD4049UBEE4
Download  CD4049UBEE4 Click to download

File Size   2370.08 Kbytes
Page   35 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description CD4049UB and CD4050B CMOS Hex Inverting Buffer and Converter

CD4049UBEE4 Datasheet (HTML) - Texas Instruments


CD4049UBEE4 Product details

1 Features
• CD4049UB Inverting
• CD4050B Noninverting
• High Sink Current for Driving 2 TTL Loads
• High-to-Low Level Logic Conversion
• 100% Tested for Quiescent Current at 20 V
• Maximum Input Current of 1 μA at 18 V Over Full
Package Temperature Range; 100 nA at 18 V and
25°C
• 5-V, 10-V, and 15-V Parametric Ratings

2 Applications
• CMOS to DTL or TTL Hex Converters
• CMOS Current Sink or Source Drivers
• CMOS High-to-Low Logic Level Converters

3 Description
The CD4049UB and CD4050B devices are inverting
and noninverting hex buffers, and feature logic-level
conversion using only one supply voltage (VCC). The
input-signal high level (VIH) can exceed the VCC
supply voltage when these devices are used for logiclevel
conversions. These devices are intended for use
as CMOS to DTL or TTL converters and can drive
directly two DTL or TTL loads. (VCC = 5 V,
VOL ≤ 0.4 V, and IOL ≥ 3.3 mA.)




Similar Part No. - CD4049UBEE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4049UBEE4 TI-CD4049UBEE4 Datasheet
1Mb / 38P
CMOS Hex Buffer Converters
CD4049UBEE4 TI1-CD4049UBEE4 Datasheet
1Mb / 37P
CMOS Hex Buffer/Converters
More results


Similar Description - CD4049UBEE4

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CD4049UBC FAIRCHILD-CD4049UBC Datasheet
63Kb / 7P
Hex Inverting Buffer . Hex Non-Inverting Buffer
logo
STMicroelectronics
HCF4050B STMICROELECTRONICS-HCF4050B Datasheet
172Kb / 9P
HEX BUFFER/CONVERTER (NON INVERTING)
May-2003
HCF4049UB STMICROELECTRONICS-HCF4049UB Datasheet
119Kb / 9P
HEX BUFFER/CONVERTER (INVERTING)
Mar-2004
HCF4010B STMICROELECTRONICS-HCF4010B Datasheet
467Kb / 10P
HEX BUFFER/CONVERTER (NON INVERTING)
16-Mar-2005
logo
Fairchild Semiconductor
CD4049UBC FAIRCHILD-CD4049UBC_02 Datasheet
73Kb / 7P
Hex Inverting Buffer Hex Non-Inverting Buffer
logo
STMicroelectronics
HCF4010B STMICROELECTRONICS-HCF4010B_01 Datasheet
56Kb / 8P
HEX BUFFER/CONVERTER (NON INVERTING)
Sep-2001
HCF4009UB STMICROELECTRONICS-HCF4009UB_02 Datasheet
134Kb / 8P
HEX BUFFER/CONVERTER (INVERTING)
Jul-2002
logo
Texas Instruments
CD4050BNSRG4 TI-CD4050BNSRG4 Datasheet
1Mb / 38P
CD4049UB Inverting, CD4050B Non-Inverting, High Sink Current for Driving 2 TTL Loads
logo
Fairchild Semiconductor
CD4050BCMX FAIRCHILD-CD4050BCMX Datasheet
74Kb / 7P
Hex Inverting Buffer ??Hex Non-Inverting Buffer
logo
Toshiba Semiconductor
TC50H000P TOSHIBA-TC50H000P Datasheet
174Kb / 3P
HEX BUFFER/CONVERTER INVERTING TYPE
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com