Electronic Components Datasheet Search
  English  ▼

X  

MBI6033GTS Datasheet (PDF) - MACROBLOCK, INC.

MBI6033GTS Datasheet PDF - MACROBLOCK, INC.
Part # MBI6033GTS
Download  MBI6033GTS Download
File Size   570.86 Kbytes
Page   32 Pages
Manufacturer  MACROBLOCK [MACROBLOCK, INC.]
Direct Link  https://www.mblock.com.tw/en
Logo MACROBLOCK - MACROBLOCK, INC.
Description PWM-Embedded 3x4-Channel Constant-Current Sink Driver for LED Strips

MBI6033GTS Datasheet (PDF)

Go To PDF Page Download Datasheet
MBI6033GTS Datasheet PDF - MACROBLOCK, INC.

Part # MBI6033GTS
Download  MBI6033GTS Click to download

File Size   570.86 Kbytes
Page   32 Pages
Manufacturer  MACROBLOCK [MACROBLOCK, INC.]
Direct Link  https://www.mblock.com.tw/en
Logo MACROBLOCK - MACROBLOCK, INC.
Description PWM-Embedded 3x4-Channel Constant-Current Sink Driver for LED Strips

MBI6033GTS Datasheet (HTML) - MACROBLOCK, INC.


MBI6033GTS Product details

Features
 Supply voltage
- 6V~24V by internal LDO
- 3.3V/5V direct input
 3x4-channel constant-current sink driver for LED strips
- Constant current range:
3~45mA @ VDD=6 ~24V or VDD=VCA=5V
3~30mA @ VDD=VCA=3.3V
- 3 groups of current gain
- Sustaining voltage at output channels: 28V (max.)
 Embedded 16-bit PWM generator
- Gray scale clock generated by the embedded oscillator
- 16-bit S-PWM patented technology
 Reliable data transmission
- Daisy-chain topology
- Two-wire transmission interface
- Phase-inversed output clock
- Built-in buffer for long distance transmission
 RoHS-compliant packages
- SSOP-24
- TSSOP-24
- QFN-24

Application
 LED strips
 Mesh display
 Architectural lighting




Similar Part No. - MBI6033GTS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI6001 ETC1-MBI6001 Datasheet
197Kb / 6P
TRANSFORMERLESS AC / DC CONSTANT CURRENT DRIVER
MBI6001N1D ETC1-MBI6001N1D Datasheet
197Kb / 6P
TRANSFORMERLESS AC / DC CONSTANT CURRENT DRIVER
MBI6001N2N ETC1-MBI6001N2N Datasheet
164Kb / 5P
Transformerless AC/DC Constant Current Driver
MBI6010 ETC-MBI6010 Datasheet
187Kb / 4P
3-Channel Driver for RGB LED Cluster
MBI6010CP ETC-MBI6010CP Datasheet
187Kb / 4P
3-Channel Driver for RGB LED Cluster
More results


Similar Description - MBI6033GTS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST2226A ETC2-ST2226A Datasheet
302Kb / 23P
PWM-Controlled Constant Current Driver for LED Displays
logo
Silicon Touch Technolog...
DM132 SITI-DM132 Datasheet
383Kb / 24P
16-Channel PWM-Controlled Constant Current Driver for LED Displays
logo
Texas Instruments
TLC5973D TI1-TLC5973D Datasheet
360Kb / 27P
3-Channel, 12-Bit, PWM Constant-Current LED Driver
TLC59116-Q1 TI1-TLC59116-Q1 Datasheet
422Kb / 39P
16-Channel Constant-Current LED Sink Driver
logo
SHENZHEN FUMAN ELECTRON...
FM6153K FUMAN-FM6153K Datasheet
678Kb / 17P
16-channel PWM constant current output LED driver IC
FM6153Q FUMAN-FM6153Q Datasheet
628Kb / 16P
16-channel PWM constant current output LED driver IC
logo
Princeton Technology Co...
PT6726 PTC-PT6726 Datasheet
193Kb / 3P
16-Channel Constant Current Sink for LED Driver
logo
List of Unclassifed Man...
MBI5025 ETC1-MBI5025 Datasheet
387Kb / 18P
16-channel Constant Current LED Sink Driver
logo
QX Micro Devices Co.,Lt...
QX7138 QXMD-QX7138 Datasheet
1Mb / 2P
PWM dimmable LED constant current driver
logo
Shenzhen Huazhimei Semi...
HM7138 HMSEMI-HM7138 Datasheet
375Kb / 7P
PWM dimming LED constant current driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com