Electronic Components Datasheet Search
  English  ▼

X  

FNK75N08BD Datasheet (PDF) - FNK-Semiconductor

FNK75N08BD Datasheet PDF - FNK-Semiconductor
Part # FNK75N08BD
Download  FNK75N08BD Download
File Size   3675.73 Kbytes
Page   7 Pages
Manufacturer  FNK [FNK-Semiconductor]
Direct Link  
Logo FNK - FNK-Semiconductor
Description N-Channel Trench Power MOSFET

FNK75N08BD Datasheet (PDF)

Go To PDF Page Download Datasheet
FNK75N08BD Datasheet PDF - FNK-Semiconductor

Part # FNK75N08BD
Download  FNK75N08BD Click to download

File Size   3675.73 Kbytes
Page   7 Pages
Manufacturer  FNK [FNK-Semiconductor]
Direct Link  
Logo FNK - FNK-Semiconductor
Description N-Channel Trench Power MOSFET

FNK75N08BD Datasheet (HTML) - FNK-Semiconductor


FNK75N08BD Product details

General Description
The is N-channel MOS Field Effect Transistor
designed for high current switching applications. Rugged
EAS capability and ultra low RDS(ON) is suitable for PWM,
load switching especially for E-Bike controller applications.

Features
● VDS=80V; ID=92A
RDS(ON)<7.45mΩ @ VGS=10V
● Special Designed for E-Bike Controller Application
● Ultra Low On-Resistance
● High UIS and UIS 100% Test

Application
● 64V E-Bike Controller Applications
● Hard Switched and High Frequency Circuits
● Uninterruptible Power Supply
FNK75N08




Similar Part No. - FNK75N08BD

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
FNK-ER12H BEL-FNK-ER12H Datasheet
2Mb / 13P
Front Load Pluggable Optical Transceiver
FNK-ER12M BEL-FNK-ER12M Datasheet
2Mb / 13P
Front Load Pluggable Optical Transceiver
FNK-ER12X BEL-FNK-ER12X Datasheet
2Mb / 13P
Front Load Pluggable Optical Transceiver
FNK-LT12H BEL-FNK-LT12H Datasheet
527Kb / 4P
Front Load Pluggable Optical Transceiver
FNK-LT12M BEL-FNK-LT12M Datasheet
527Kb / 4P
Front Load Pluggable Optical Transceiver
More results


Similar Description - FNK75N08BD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDT86244 FAIRCHILD-FDT86244 Datasheet
239Kb / 6P
N-Channel Power Trench MOSFET
logo
Guangdong Kexin Industr...
NDT70N06 KEXIN-NDT70N06 Datasheet
586Kb / 5P
N-Channel Trench Power MOSFET
NDT90N04 KEXIN-NDT90N04 Datasheet
255Kb / 2P
N-Channel Trench Power MOSFET
logo
Shenzhen Huazhimei Semi...
HM1607D HMSEMI-HM1607D Datasheet
874Kb / 6P
N-Channel Trench Power MOSFET
HM70N90D HMSEMI-HM70N90D Datasheet
681Kb / 6P
N-Channel Trench Power MOSFET
logo
Leshan Radio Company
LN7610DT1WG LRC-LN7610DT1WG Datasheet
822Kb / 6P
N-Channel Power Trench MOSFET
LNB86085DT0AG LRC-LNB86085DT0AG Datasheet
395Kb / 5P
N-Channel Power Trench MOSFET
S-LN7610DT1WG LRC-S-LN7610DT1WG Datasheet
826Kb / 6P
N-Channel Power Trench MOSFET
logo
Shenzhen Huazhimei Semi...
HM4030D HMSEMI-HM4030D Datasheet
850Kb / 6P
N-Channel Trench Power MOSFET
HM4030 HMSEMI-HM4030 Datasheet
410Kb / 6P
N-Channel Trench Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com