Electronic Components Datasheet Search
  English  ▼

X  

MIC1555YMU Datasheet (PDF) - Micrel Semiconductor

MIC1555YMU Datasheet PDF - Micrel Semiconductor
Part # MIC1555YMU
Download  MIC1555YMU Download
File Size   1057.96 Kbytes
Page   18 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description IttyBitty® RC Timer/Oscillator

MIC1555YMU Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC1555YMU Datasheet PDF - Micrel Semiconductor

Part # MIC1555YMU
Download  MIC1555YMU Click to download

File Size   1057.96 Kbytes
Page   18 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description IttyBitty® RC Timer/Oscillator

MIC1555YMU Datasheet (HTML) - Micrel Semiconductor


MIC1555YMU Product details

General Description
The MIC1555 IttyBitty® CMOS RC timer/oscillator and MIC1557 IttyBitty® CMOS RC oscillator are designed to provide rail-to-rail pulses for precise time delay or frequency generation.
The devices are similar in function to the industry standard “555”, without a frequency control (FC) pin or an open-collector discharge (D) pin. The threshold pin (THR) has precedence over the trigger (TRG) input, ensuring that the BiCMOS output is off when TRG is high.
The MIC1555 can be used as an astable (oscillator) or monostable (one-shot) with separate threshold and trigger inputs. In the one-shot mode, the output pulse width is precisely controlled by an external resistor and a capacitor. Time delays may be accurately controlled from micro-seconds to hours. In the oscillator mode, the output is used to provide precise feedback, with a minimum of one resistor and one capacitor producing a 50% duty cycle square wave.
The MIC1557 is designed for astable (oscillator) operation only, with a chip select/reset (CS) input for low power shut-down. One resistor and one capacitor provide a 50% duty cycle square wave. Other duty-cycle ratios may be produced using two diodes and two resistors.
The MIC1555/7 is powered from a +2.7V to +18V supply voltage and is rated for –40°C to +85°C ambient temperature range. The MIC1555/7 is available in SOT-23-5, and thin SOT23-5 5-pin packages. A low profile, ultra-thin, (UTDFN), version of the MIC1555 (with chip select) is also available.
Datasheets and support documentation are available on Micrel’s website at: www.micrel.com.

Features
• +2.7V to +18V operation
• Low current
− <1μA typical shutdown mode (MIC1557)
− 200μA typical (TRG and THR low) at 3V supply
• Timing from microseconds to hours
• “Zero” leakage trigger and threshold inputs
• 50% square wave with one resistor, one capacitor
• Threshold input precedence over trigger input
• <15Ω output on resistance
• No output cross-conduction current spikes
• <0.005%/°C temperature stability
• <0.055%/V supply stability
• 10-pin ultra-thin DFN package (2mm × 2mm × 0.4mm)
• Small SOT-23-5 surface mount package

Applications
• Precision timer
• Pulse generation
• Sequential timing
• Time-delay generation
• Missing pulse detector
• Micropower oscillator to 5MHz
• Charge-pump driver
• LED blinker
• Voltage converter
• Linear sweep generator
• Variable frequency and duty cycle oscillator




Similar Part No. - MIC1555YMU

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC1555YMU MICREL-MIC1555YMU Datasheet
947Kb / 18P
IttyBitty짰 RC Timer/Oscillator
More results


Similar Description - MIC1555YMU

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD14541B HITACHI-HD14541B Datasheet
82Kb / 5P
Programmable Oscillator/Timer
logo
Micrel Semiconductor
MIC1555 MICREL-MIC1555 Datasheet
166Kb / 8P
IttyBitty??RC Timer / Oscillator
MIC281 MICREL-MIC281 Datasheet
171Kb / 12P
Low-Cost IttyBitty Thermal Sensor IttyBitty
MIC1555 MICREL-MIC1555_10 Datasheet
164Kb / 10P
IttyBitty RC Timer / Oscillator
MIC281 MICREL-MIC281_11 Datasheet
177Kb / 12P
Low-Cost IttyBitty??Thermal Sensor IttyBitty
logo
Advanced Linear Devices
ALD7555 ALD-ALD7555 Datasheet
88Kb / 12P
SINGLE/DUAL CMOS ANALOG RC TIMER
logo
STMicroelectronics
AN3101 STMICROELECTRONICS-AN3101 Datasheet
435Kb / 24P
internal RC oscillator calibration
20-Jan-2015
logo
IK Semicon Co., Ltd
BT8028-XX IKSEMICON-BT8028-XX Datasheet
203Kb / 6P
RC oscillator on chip
BT8031-XX IKSEMICON-BT8031-XX Datasheet
269Kb / 3P
RC oscillator on chip
logo
Micrel Semiconductor
MIC1555 MICREL-MIC1555_15 Datasheet
947Kb / 18P
IttyBitty짰 RC Timer/Oscillator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com