Electronic Components Datasheet Search
  English  ▼

X  

ISL8483E Datasheet (PDF) - Renesas Technology Corp

ISL8483E Datasheet PDF - Renesas Technology Corp
Part # ISL8483E
Download  ISL8483E Download
File Size   837.33 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ESD Protected to ±15kV, 5V, Low Power, High Speed or Slew Rate Limited RS-485/RS-422 Transceivers

ISL8483E Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL8483E Datasheet PDF - Renesas Technology Corp

Part # ISL8483E
Download  ISL8483E Click to download

File Size   837.33 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ESD Protected to ±15kV, 5V, Low Power, High Speed or Slew Rate Limited RS-485/RS-422 Transceivers

ISL8483E Datasheet (HTML) - Renesas Technology Corp


ISL8483E Product details

• Pb-Free (RoHS compliant)
• Extended industrial temperature options (+125°C)
• RS-485 I/O pin ESD protection . . . . . . . . . . . . . . ±15kV HBM
- Class 3 ESD level on all other pins. . . . . . . . . . . >7kV HBM
• Specified for 10% tolerance supplies
• High data rate version (ISL8485E). . . . . . . . . . up to 10Mbps
• Slew rate limited version for error free data transmission
(ISL8483E) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . up to 250kbps
• Single unit load allows up to 32 devices on the bus
• 1nA low current Shutdown mode (ISL8483E)
• Low quiescent current:
- 160μA (ISL8483E)
- 500μA (ISL8485E)
• -7V to +12V common-mode input voltage range
• Three-state Rx and Tx outputs
• 30ns propagation delays, 5ns skew (ISL8485E)
• Operate from a single +5V supply (10% tolerance)
• Current limiting and thermal shutdown for driver overload protection




Similar Part No. - ISL8483E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8483E INTERSIL-ISL8483E Datasheet
501Kb / 14P
ESD Protected to 짹15kV, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
August 22, 2005
ISL8483E INTERSIL-ISL8483E Datasheet
459Kb / 14P
ESD Protected to 짹15kV, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL8483E RENESAS-ISL8483E Datasheet
856Kb / 15P
ESD Protected to 짹15kV, 5V, Low Power, High Speed or Slew Rate Limited RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL8483ECPZ INTERSIL-ISL8483ECPZ Datasheet
501Kb / 14P
ESD Protected to 짹15kV, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
August 22, 2005
ISL8483ECPZ INTERSIL-ISL8483ECPZ Datasheet
459Kb / 14P
ESD Protected to 짹15kV, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
More results


Similar Description - ISL8483E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8483 INTERSIL-ISL8483 Datasheet
507Kb / 16P
5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
December 2003
ISL8488E INTERSIL-ISL8488E Datasheet
526Kb / 13P
-15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
October 20, 2004
logo
Maxim Integrated Produc...
MAX481E MAXIM-MAX481E_03 Datasheet
768Kb / 16P
±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
logo
Intersil Corporation
ISL8483 INTERSIL-ISL8483_06 Datasheet
574Kb / 16P
5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
February 28, 2006
ISL8483E INTERSIL-ISL8483E_05 Datasheet
501Kb / 14P
ESD Protected to 짹15kV, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
August 22, 2005
ISL8483E INTERSIL-ISL8483E Datasheet
459Kb / 14P
ESD Protected to 짹15kV, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX489ECSD-T MAXIM-MAX489ECSD-T Datasheet
686Kb / 16P
±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
MAX481E MAXIM-MAX481E_14 Datasheet
310Kb / 16P
±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
logo
Renesas Technology Corp
ISL8483 RENESAS-ISL8483 Datasheet
913Kb / 18P
5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL8483E RENESAS-ISL8483E Datasheet
856Kb / 15P
ESD Protected to 짹15kV, 5V, Low Power, High Speed or Slew Rate Limited RS-485/RS-422 Transceivers
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com