Electronic Components Datasheet Search
  English  ▼

X  

TPS7A43 Datasheet (PDF) - Texas Instruments

TPS7A43 Datasheet PDF - Texas Instruments
Part # TPS7A43
Download  TPS7A43 Download
File Size   2096.95 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS7A43-Q1 Automotive 50mA, 85V, Ultra-Low IQ, Low-Dropout Voltage Regulator With Power-Good, Precision Enable, and Selectable Mid-Output Rail

TPS7A43 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS7A43 Datasheet PDF - Texas Instruments

Part # TPS7A43
Download  TPS7A43 Click to download

File Size   2096.95 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS7A43-Q1 Automotive 50mA, 85V, Ultra-Low IQ, Low-Dropout Voltage Regulator With Power-Good, Precision Enable, and Selectable Mid-Output Rail

TPS7A43 Datasheet (HTML) - Texas Instruments


TPS7A43 Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Temperature Grade 1: −40°C to +125°C, TA
– Junction temperature: −40°C to +150°C, TJ
• Wide input voltage range: 4V to 85V
– Supports direct connection to 48V, 24V, or 12V
automotive battery
• Wide output voltage range (VOUT):
– Adjustable: 1.24V to 14.5V
– Fixed: 3.3V, 5.0V
• Selectable intermediate output (VMID_OUT):
– 10V, 12V, 15V
• Output current:
– 50mA (shared between OUT and MID_OUT)
• ±0.8% VOUT accuracy over full temperature range
• Ultra-low IQ: 5.5μA (typical)
• Precision enable
• Power-good (PG) output
• High PSRR at 100kHz:
– 73dB (OUT)
– 47dB (MID_OUT)
• Thermal shutdown and overcurrent protection
• Package:
– 10-pin HVSSOP (DGQ) [RθJA = 51.5°C/W]

2 Applications
• Automotive body motors
• Zone and body domain controller
• Thermal management
• Car access and security systems
• HEV/EV battery-management system (BMS)

3 Description
The TPS7A43-Q1 is a wide input, low-dropout (LDO)
linear voltage regulator with 4V to 85V input voltage
range and very-low quiescent current. This device
can support a wide range of input voltages and
withstand line transient voltages up to 90V (200ms),
making the device designed for direct connection to
48V, 24V, or 12V automotive battery. Ultra-low IQ of
5.5μA typical, 9μA maximum helps meet stringent
system requirements and extends battery life in
battery-connected applications.
The TPS7A43-Q1 output (OUT) is available in both
fixed and adjustable output versions, with regulation
from 1.24V to 14.5V and ±0.8% accuracy across
temperature. The device is intended for use in an
array of automotive applications, including supply for
always-on loads like microcontrollers and wake-up
functionality for various ICs (for example, CAN). The
device is an efficient option to provide power to critical
components during system sleep conditions. The
TPS7A43-Q1 also features a second intermediate
output (MID_OUT) that can be set to 10V, 12V,
or 15V using the MVSEL pins. MID_OUT can
supply power for LIN or be used to bias amplifiers,
minimizing system complexity by eliminating the need
for additional regulators.
The TPS7A43-Q1 features a precision enable input
that enables or disables the LDO at a fixed and
accurate threshold voltage using a resistor divider
from the input.
The power-good (PG) output is used to monitor the
voltage at the feedback pin to indicate the status of
the output voltage. The EN input and PG output can
be used for sequencing multiple power sources in the
system.




Similar Part No. - TPS7A43

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A43 TI-TPS7A43 Datasheet
1Mb / 25P
TPS7A43 50-mA, 85-V, Low IQ, Dual Output Low-Dropout Linear Voltage Regulator With Precision Enable & Power-Good
TPS7A43-Q1 TI2-TPS7A43-Q1 Datasheet
2Mb / 33P
TPS7A43-Q1 Automotive 50mA, 85V, Ultra-Low IQ, Low-Dropout Voltage Regulator With Power-Good, Precision Enable, and Selectable Mid-Output Rail
MARCH 2026
TPS7A43-Q1 TI2-TPS7A43-Q1 Datasheet
2Mb / 39P
TPS7A43-Q1 Automotive 50mA, 85V, Ultra-Low IQ, Low-Dropout Voltage Regulator With Power-Good, Precision Enable, and Selectable Mid-Output Rail
REVISED JUNE 2026
TPS7A43-Q1 TI2-TPS7A43-Q1_V01 Datasheet
2Mb / 33P
TPS7A43-Q1 Automotive 50mA, 85V, Ultra-Low IQ, Low-Dropout Voltage Regulator With Power-Good, Precision Enable, and Selectable Mid-Output Rail
MARCH 2026
TPS7A43-Q1 TI2-TPS7A43-Q1_V02 Datasheet
2Mb / 39P
TPS7A43-Q1 Automotive 50mA, 85V, Ultra-Low IQ, Low-Dropout Voltage Regulator With Power-Good, Precision Enable, and Selectable Mid-Output Rail
REVISED JUNE 2026
More results


Similar Description - TPS7A43

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A1633-Q1 TI-TPS7A1633-Q1 Datasheet
1Mb / 29P
TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1650-Q1 TI-TPS7A1650-Q1 Datasheet
1Mb / 29P
TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1601-Q1 TI-TPS7A1601-Q1_15 Datasheet
1Mb / 29P
TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7B6925-Q1 TI-TPS7B6925-Q1_15 Datasheet
1Mb / 24P
TPS7B69xx-Q1 High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7A16A-Q1 TI1-TPS7A16A-Q1 Datasheet
540Kb / 24P
60-V, 5-uA IQ, 100-mA, low-dropout voltage regulator with enable and power-good
TPS7A43 TI-TPS7A43 Datasheet
1Mb / 25P
TPS7A43 50-mA, 85-V, Low IQ, Dual Output Low-Dropout Linear Voltage Regulator With Precision Enable & Power-Good
logo
ON Semiconductor
NCP187 ONSEMI-NCP187 Datasheet
320Kb / 10P
Voltage Regulator - Low Iq, Low Dropout, Power Good Output
August, 2020 ??Rev. 2
NCV8187 ONSEMI-NCV8187 Datasheet
278Kb / 12P
Voltage Regulator - Low Iq, Low Dropout, Power Good Output 1.2 A
August, 2020 ??Rev. 2
logo
Texas Instruments
TPS7A44 TI-TPS7A44 Datasheet
2Mb / 37P
TPS7A44 50-mA, 65-V, Low IQ, Low-Dropout Linear Voltage Regulator With Power-Good and Selectable Mid-Output Rail
NOVEMBER 2021
logo
ON Semiconductor
NCV8187 ONSEMI-NCV8187_V01 Datasheet
580Kb / 19P
Voltage Regulator - Low Iq, Low Dropout, Power Good Output 1.2 A
August, 2021 ??Rev. 8
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com