Electronic Components Datasheet Search
  English  ▼

X  

PPW01003 Datasheet (PDF) - Pro-Signal

PPW01003 Datasheet PDF - Pro-Signal
Part # PPW01003
Download  PPW01003 Download
File Size   191.07 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description 2.1mm DC Socket

PPW01003 Datasheet (PDF)

Go To PDF Page Download Datasheet
PPW01003 Datasheet PDF - Pro-Signal

Part # PPW01003
Download  PPW01003 Click to download

File Size   191.07 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description 2.1mm DC Socket

PPW01003 Datasheet (HTML) - Pro-Signal


PPW01003 Product details

Description
2.1mm DC Socket, Chassis




Similar Part No. - PPW01003

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
PPW01004 PROSIGNAL-PPW01004 Datasheet
187Kb / 1P
DC Socket
V1.0 21/01/22
PPW01005 PROSIGNAL-PPW01005 Datasheet
187Kb / 1P
DC Socket
V1.0 21/01/22
logo
Pro-Power
PPW01006 PROPOWER-PPW01006 Datasheet
218Kb / 1P
DC Power Connector Receptacle
11/11/24 V1.0
More results


Similar Description - PPW01003

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCPJ0217T-1.3 DUBILIER-DBCPJ0217T-1.3 Datasheet
80Kb / 1P
AUDIO SMT DC JACK SOCKET
logo
SUYIN USA, INC.
250291MA SUYIN-USA-250291MA Datasheet
113Kb / 1P
SIM CARD CONNECTOR H:2.1mm
logo
List of Unclassifed Man...
C4074 ETC1-C4074 Datasheet
162Kb / 1P
DC Power Adaptor, 2.5mm DC Socket to 2.1mm DC Plug
DC13A ETC2-DC13A Datasheet
105Kb / 1P
DC POWER SOCKET DC13
MJ-180 ETC2-MJ-180 Datasheet
94Kb / 2P
DC Socket 2.35mm
JR8306-1.5M ETC2-JR8306-1.5M Datasheet
232Kb / 1P
2.1mm DC Plug to 2.1mm DC Jack
PPW00024 ETC2-PPW00024 Datasheet
157Kb / 1P
2.1mm DC Plug to Plug
logo
Schurter Inc.
4840.2202 SCHURTER-4840.2202_V02 Datasheet
281Kb / 2P
, PCB terminals, Socket, 5.7 mm, 2-pole, DC Plug/Socket
04.01.2022
4840.2220 SCHURTER-4840.2220_V02 Datasheet
283Kb / 2P
, solder terminal, Socket, 5.9 mm, 2-pole, DC Plug/Socket
04.01.2022
logo
Electronic Components L...
FC681465ST CLIFF-FC681465ST Datasheet
139Kb / 1P
DC10LS SMD DUAL DC SOCKET Accepts 2.1mm & 2.5mm Plugs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com